Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1274CSW Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC1274CSW
Description  12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1274CSW Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC1274CSW Datasheet HTML 1Page - Linear Integrated Systems LTC1274CSW Datasheet HTML 2Page - Linear Integrated Systems LTC1274CSW Datasheet HTML 3Page - Linear Integrated Systems LTC1274CSW Datasheet HTML 4Page - Linear Integrated Systems LTC1274CSW Datasheet HTML 5Page - Linear Integrated Systems LTC1274CSW Datasheet HTML 6Page - Linear Integrated Systems LTC1274CSW Datasheet HTML 7Page - Linear Integrated Systems LTC1274CSW Datasheet HTML 8Page - Linear Integrated Systems LTC1274CSW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1274/LTC1277
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOZ
High-Z Output Leakage D11 to D0/8
VOUT = 0V to VDD, CS High
±10
µA
COZ
High-Z Output Capacitance D11 to D0/8
CS High (Note 10)
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
(Note 5)
DIGITAL I PUTS A D DIGITAL OUTPUTS
(Note 5)
POWER REQUIRE E TS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage (Notes 11, 12)
Unipolar and Bipolar Mode
4.75
5.25
V
VLOGIC
Logic Supply (Notes 11,12)
Unipolar and Bipolar Mode (LTC1277)
2.7 to 5.25
V
VSS
Negative Supply Voltage (Note 11)
Bipolar Mode Only
– 2.45
– 5.25
V
IDD
Positive Supply Current
fSAMPLE = 100ksps
24
mA
NAP = 0V (LTC1277 Only)
180
320
µA
SLEEP = 0V
0.3
5
µA
ISS
Negative Supply Current
fSAMPLE = 100ksps, Bipolar Mode Only
40
70
µA
SLEEP = 0V
0.3
5
µA
PDISS
Power Dissipation
fSAMPLE = 100ksps
10
20
mW
NAP = 0V (LTC1277 Only)
0.9
1.8
mW
SLEEP = 0V (Unipolar/Bipolar)
25/50
µW
(Note 5) See Figures 13 to 17.
TI I G CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
(Note 11)
100
ksps
tCONV
Conversion Time
68
µs
tACQ
Acquisition Time
0.35
2
µs
t1
CS
↓ to RD↓ Setup Time
(Note 10)
0ns
t2
CS
↓ to CONVST↓ Setup Time
(Note 10)
30
ns
t3
NAP
↑to CONVST↓Wake-Up Time
(LTC1277 Only) (Note 11)
620
ns
t4
CONVST Low Time
(Note 13)
40
ns
t5
CONVST
↓ to BUSY↓ Delay
CL = 100pF
70
150
ns
t6
Data Ready Before BUSY
CL = 100pF
20
65
ns
t7
Delay Between Conversions
(Note 11)
0.35
2
µs
t8
Wait Time RD
↓ After BUSY↑
(Note 10)
–20
ns
t9
Data Access Time After RD
CL = 20pF (Note 10)
50
110
ns
140
ns
CL = 100pF
65
125
ns
170
ns
t10
Bus Relinquish Time
CL = 100pF
20
60
90
ns
20
100
ns
t11
RD Low Time
(Note 10)
t9
ns
t12
CONVST High Time
(Notes 10, 13)
40
ns
t13
Aperture Delay of Sample-and-Hold
35
ns
t14
SLEEP
↑ to REFRDY↑ Wake-Up Time 10µF Bypass at VREF Pin
4.2
ms
4.7
µF Bypass at VREF Pin
3.3
ms
t15
HBEN
↑ to High Byte Data Valid
CL = 100pF (LTC1277 Only)
35
100
ns


Similar Part No. - LTC1274CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
More results

Similar Description - LTC1274CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1277 LINER-LTC1277_15 Datasheet
240Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
LTC1274 LINER-LTC1274_15 Datasheet
240Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
LTC1274 LINER-LTC1274 Datasheet
411Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com