Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPPM0302DGNR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPPM0302DGNR
Description  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0302DGNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPPM0302DGNR Datasheet HTML 4Page - Texas Instruments TPPM0302DGNR Datasheet HTML 5Page - Texas Instruments TPPM0302DGNR Datasheet HTML 6Page - Texas Instruments TPPM0302DGNR Datasheet HTML 7Page - Texas Instruments TPPM0302DGNR Datasheet HTML 8Page - Texas Instruments TPPM0302DGNR Datasheet HTML 9Page - Texas Instruments TPPM0302DGNR Datasheet HTML 10Page - Texas Instruments TPPM0302DGNR Datasheet HTML 11Page - Texas Instruments TPPM0302DGNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TPPM0302
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT AND POK
SLVS316 – NOVEMBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
To ensure reliable operation of the device, the junction temperature of the output device must be within the safe
operating area (SOA). This is achieved by having a means to dissipate the heat generated from the junction
of the output structure. There are two components that contribute to thermal resistance. They consist of two
paths in series. The first is the junction to case thermal resistance, RθJC; the second is the case to ambient
thermal resistance, RθCA. The overall junction to ambient thermal resistance, RθJA, is determined by:
RθJA = RθJC + RθCA
The ability to efficiently dissipate the heat from the junction is a function of the package style and board layout
incorporated in the application. The operating junction temperature is determined by the operating ambient
temperature, TA, and the junction power dissipation, PJ.
The junction temperature, TJ, is equal to the following thermal equation:
TJ = TA + PJ (RθJC) + PJ (RθCA)
TJ = TA + PJ (RθJA)
This particular application uses the 8-pin DGN PowerPAD package with a standard lead frame with dedicated
ground terminal. Using a multilayer printed-circuit board (PCB), the power pad is mounted as recommended
in the TI packaging application. The power pad is electrically connected to the ground plane of the circuit board
through the dedicated ground pin and the die mount power pad. This will provide a means for heat spreading
through the copper plane associated within the PCB (GND Layer). This concept could provide a thermal
resistance from junction to ambient, RθJA, of 59°C/W if implemented correctly.
Hence, maximum power dissipation allowable for an operating ambient temperature of 70
°C, and a maximum
junction temperature of 150
°C is determined as:
PJ = (TJ – TA) / RθJA
PJ = (150 – 70) /59 = 1.36 W
Using a multilayer board and utilizing the ground plane for heat spreading.
2.6
150
1.36
Power Dissipation Derate Curve Using
High-K PCB
Ambient Temperature –
°C
25
70
NOTE: This curve is to be used for guideline purposes only. For a particular application, a more specific thermal characterization is required.
Figure 12. Power Dissipation Derating Curve


Similar Part No. - TPPM0302DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
More results

Similar Description - TPPM0302DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303_15 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI-SN105125 Datasheet
201Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
logo
Advanced Analog Technol...
AAT1205 AAT-AAT1205 Datasheet
442Kb / 21P
   400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL OUTPUT POWER MANAGEMENT
logo
Diodes Incorporated
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com