Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6K80 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS6K80
Description  Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS6K80 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS6K80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS6K80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by art
UL Recognized File # E-326243.
Glass passivated junction
Reliable low cost construction
Surge overload rating to 150 amperes peak
Mechanical Data
P/N
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Units
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
RθJC
OC/W
TJ
OC
TSTG
OC
6
800
400
150
280
400
600
420
600
560
800
Version:C12
Maximum Instantaneous Forward Voltage @ 3 A
(Note 1)
@ 6 A
VF
Note 1 : Pulse Test with PW=300 usec, 1% Duty Cycle
Features
Ideal for printed circuit board
High case dielectric strength of 2000VRMS
High temperature soldering guaranteed:
260℃ / 10 seconds / 0.375"(9.5mm) lead
length at 5 lbs (2.3kg) tension
Weight: 4 grams
Type Number
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
Storage Temperature Range
- 55 to + 150
TS6K40 - TS6K80
Marking Diagram
TS4K
V
Dimensions in inches and (millimeters)
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Case: Molded plastic
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
uA
uA
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=125 ℃
IR
Maximum Average Forward Rectified Current
Mounting torque : 5 in. lbs. Max.
A
TS6K40
1.0
1.1
5
500
3
- 55 to + 150
Maximum DC Blocking Voltage
Terminals: Leads solderable per MIL-
STD-750, Method 2026
Typical Thermal Resistance
Operating Temperature Range
TS6K60
TS6K80
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - TS6K80

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6K80 TSC-TS6K80 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6K80 TMT-TS6K80 Datasheet
202Kb / 4P
   6A, 400V - 800V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6K80-T TSC-TS6K80-T Datasheet
455Kb / 5P
   6A, 400V - 800V Glass Passivated Bridge Rectifier
More results

Similar Description - TS6K80

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_1 Datasheet
276Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBJ6005 KINGTRONICS-GBJ6005_15 Datasheet
361Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G_10 Datasheet
520Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU601G TSC-KBU601G Datasheet
98Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601 Datasheet
59Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_1 Datasheet
180Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBU6005 KINGTRONICS-KBU6005_15 Datasheet
413Kb / 2P
   6.0 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B05G TSC-TS6B05G Datasheet
39Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com