Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

666K101-44 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 666K101-44
Description  Ribbon Cables
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

666K101-44 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  666K101-44 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.035” for .050” Pitch
Thickness
.94mm for 1mm Pitch
A
A
B
B
Specifications
Electrical
Insulation Resistance: 200 megΩ @ 500Vdc
Dielectric Strength: 450 volts/mil (17.7KV/mm)
Dielectric Constant: 2.8 (nominal)
Environmental
Temperature Rating: -65°C to 260°C
Moisture Rating: Submersible
Vacuum Rating: 5 x 10-5 torrÅ
Outgassing: 0.24 %TML, 0.02 %CVCMÇ
Radiation: 107 Roentgens (exposure)
Acid Resistance: Good
Ozone Resistance: Outstanding
Oil Resistance: Good
Flame Resistance: Good
Water/Steam Resistance: Excellent (Including
salt and DIW)
Alcohol Resistance: Good
Toxins: Halogen-free
Mechanical
Minimum Bend Radius: 0.4”
Durometer Rating: Shore A, 65
Tensile Strength: 6.5 Mpa (psi)
Tear Strength: 18 kN/m
Approvals
UL Recognized—File #E324413, CE
Notes
1. Cicoil cable can exceed this rating when
specified
2. Cicoil outgassed cables are NASA rated for
space applications (NASA Outgassing spec
1124)
Specify Ribbon Cables by Part Number and
Length in feet. Ribbon Cables are maintained
in stock for immediate delivery. Cable with
prepared ends or assemblies with connectors
are produced to order with minimum lead times.
.050” Pitch
No. of
Conductors
Width
(A)-inches
Span
(B)-inches
Part Number
10
0.50
0.45
310J101-10
14
0.70
0.65
310J101-14
16
0.80
0.75
310J101-16
20
1.00
0.95
310J101-20
26
1.30
1.25
310J101-26
28
1.40
1.35
310J101-28
30
1.50
1.45
310J101-30
34
1.70
1.65
310J101-34
40
2.00
1.95
310J101-40
44
2.20
2.15
310J101-44
50
2.50
2.45
310J101-50
60
3.00
2.95
310J101-60
64
3.20
3.15
310J101-64
1mm Pitch
No. of
Conductors
Width
(A)-mm
Span
(B)-mm
Part Number
Price per Foot
10
10.00
9.00
666K101-10
16
16.00
15.00
666K101-16
20
20.00
19.00
666K101-20
26
26.00
25.00
666K101-26
30
30.00
29.00
666K101-30
34
34.00
33.00
666K101-34
40
40.00
39.00
666K101-40
44
44.00
43.00
666K101-44
50
50.00
49.00
666K101-50
Flexibility
Ultra Flex, tinned copper wire conductors, and
flexible silicone make Cicoil’s ribbon cables
highly flexible, with a bend radius as small as 0.4
inches in flexing applications. Also the cables can
be ‘folded over’ for static applications.
Long Life
Rated for millions of cycles in
flexing applications.
Extreme Environments
Silicone rubber cables operate from -65°C to
260°C, including exposure to water, steam, salt,
and most chemicals. The cables are ideal for
clean room use, and they can also be used in
vacuum environments.
Fire Resistant
Cables are fire resistant, as they meet the UL-94
vertical flame standard, as well as other fire
standards.
Cicoil’s ribbon cables are constructed using Ultra High Flex 28 AWG, finely stranded
wire, and our exclusive silicone extrusion process for a strong, flexible, clear cable. Our
ribbon cables meet the standard ribbon cable dimensions, and they can be used with
any standard Insulation Displacement Connectors (IDC). The wire spacing (‘pitch’) is set
at .050” for the English version, or 1mm for the metric version.
Ribbon Cables
Specifications are nominal
Specifications and Pricing are subject to change
#0300 4/10 2.5M
LEAD
RoHS
COMPLIANT
CICOIL
SM
ISO/AS9100 Certified


Similar Part No. - 666K101-44

ManufacturerPart #DatasheetDescription
logo
3M Electronics
666 3M-666 Datasheet
61Kb / 5P
   3M Repositionable Tapes
logo
List of Unclassifed Man...
666/3 ETC-666/3 Datasheet
1Mb / 4P
   Power toggle switches ??metal lever
logo
Tyco Electronics
66601-2 MACOM-66601-2 Datasheet
415Kb / 9P
   Signal Contacts
66601-9 MACOM-66601-9 Datasheet
415Kb / 9P
   Signal Contacts
66602-2 MACOM-66602-2 Datasheet
415Kb / 9P
   Signal Contacts
More results

Similar Description - 666K101-44

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
63911255721 WURTH-63911255721 Datasheet
412Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63914455721 WURTH-63914455721 Datasheet
412Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63913455721CAB WURTH-63913455721CAB Datasheet
329Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63911655721 WURTH-63911655721 Datasheet
412Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63912455721CAB WURTH-63912455721CAB Datasheet
329Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63915055721CAB WURTH-63915055721CAB Datasheet
329Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63916055721 WURTH-63916055721 Datasheet
413Kb / 5P
   WR-CAB Ribbon Flat Cables
001.001
63911455721 WURTH-63911455721 Datasheet
412Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63911655721CAB WURTH-63911655721CAB Datasheet
329Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
63912055721CAB WURTH-63912055721CAB Datasheet
329Kb / 5P
   WR-CAB Ribbon Flat Cables
001.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com