Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4004V5 Datasheet(PDF) 6 Page - Littelfuse

Part # L4004V5
Description  Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L4004V5 Datasheet(HTML) 6 Page - Littelfuse

Back Button L4004V5 Datasheet HTML 2Page - Littelfuse L4004V5 Datasheet HTML 3Page - Littelfuse L4004V5 Datasheet HTML 4Page - Littelfuse L4004V5 Datasheet HTML 5Page - Littelfuse L4004V5 Datasheet HTML 6Page - Littelfuse L4004V5 Datasheet HTML 7Page - Littelfuse L4004V5 Datasheet HTML 8Page - Littelfuse L4004V5 Datasheet HTML 9Page - Littelfuse L4004V5 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
56
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260°C +0/-5
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Environmental Specifications
Test
Specifications and Conditions
AC Blocking
MIL-STD-750, M-1040, Cond A Applied
Peak AC voltage @ 125°C for 1008 hours
Temperature Cycling
MIL-STD-750, M-1051,
100 cycles; -40°C to +150°C; 15-min
dwell time
Temperature/
Humidity
EIA / JEDEC, JESD22-A101
1008 hours; 320V - DC: 85°C; 85%
rel humidity
High Temp Storage
MIL-STD-750, M-1031,
1008 hours; 150°C
Low-Temp Storage
1008 hours; -40°C
Thermal Shock
MIL-STD-750, M-1056
10 cycles; 0°C to 100°C; 5-min dwell
time at each temperature; 10 sec (max)
transfer time between temperature
Autoclave
EIA / JEDEC, JESD22-A102
168 hours (121°C at 2 ATMs) and
100% R/H
Resistance to
Solder Heat
MIL-STD-750 Method 2031
Solderability
ANSI/J-STD-002, category 3, Test A
Lead Bend
MIL-STD-750, M-2036 Cond E
Physical Specifications
Terminal Finish
100% Matte Tin-plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Terminal Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
toward extending the operating life of the Thyristor. Good
design practice should limit the maximum continuous
current through the main terminals to 75% of the device
rating. Other ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection of
voltage ratings for worst case conditions. Overheating,
overvoltage (including dv/dt), and surge currents are
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect
against component damage.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Similar Part No. - L4004V5

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L4004V5 TECCOR-L4004V5 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L4004V5 LITTELFUSE-L4004V5 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L4004V5 TECCOR-L4004V5 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L4004V5 LITTELFUSE-L4004V5 Datasheet
176Kb / 8P
   Sensitive Triacs
L4004V5 LITTELFUSE-L4004V5 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L4004V5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com