Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFL211G90TC1A008 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # LFL211G90TC1A008
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFL211G90TC1A008 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button LFL211G90TC1A008 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFL211G90TC1A008 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFL211G90TC1A008 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFL211G90TC1A008 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFL211G90TC1A008 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFL211G90TC1A008 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFL211G90TC1A008 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFL211G90TC1A008 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LFL211G90TC1A008 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Filters for Communication Equipment
7
o LFB32_SK Series (1210)
3.2
±0.2
1.5
±0.15
0.55
±0.15
0.3
±0.2
0.3
±0.2
0.45
±0.15
1.0
±0.2
0.1min.
NC
GND
OUT
IN
(in mm)
(8)
(4)
(1)
(2)
(3)
(7)
(6)
(5)
* All the technical data and information contained herein are
subject to change without prior notice.
(1)(3)(5)(7) :
(2)(6) :
(4) :
(8) :
Frequency Characteristics
0
255
Frequency Range (MHz)
60
70
50
30
10
0
40
20
10
70
50
60
40
30
20
0
510
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFB32205MSK1-948
205.5
fo
±31.5
1.5 max. (at 25
°C)
10.0 min. at 100MHz
20 min. at 500MHz
o LFB32_SN Series (1210)
3.2
±0.2
(1)
(2)
(3)
(4)
(1) : GND
(2) : OUT
(3) : GND
(4) : IN
1.5
±0.1
0.3
±0.15
(in mm)
Frequency Characteristics
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
1.0
3.5
Frequency Range (GHz)
6.0
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFB321G74SN1-770
1747.5
fo
±37.5
2.5 max. (at 25
°C)
20 min. at D.C.~1350MHz
30 min. at 1350~1425MHz
LFB321G84SN1-796
1842.5
fo
±37.5
2.5 max. (at 25
°C)
48 min. at 500~1450MHz
40 min. at 1450~1480MHz
LFB321G90SN1-593
1907.5
fo
±12.5
2.5 max. (at 25
°C)
40 min. at 1406.5~1440MHz
35 min. at 1655~1680MHz
LFB322G45SN1-947
2450
fo
±50
2.5 max. (at 25
°C)
40 min. at 1950MHz
16 min. at 2200MHz
LFB322G45SN1A504
2450
fo
±50
1.8 max. (at 25
°C)
48 min. at 902~928MHz
50 min. at 1500~1550MHz
LFB322G45SN5A515
2450
fo
±50
2.5 max. (at 25
°C)
40 min. at 880~1250MHz
20 min. at 1250~1710MHz
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFL211G90TC1A008

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL211G90TC1A008 MURATA-LFL211G90TC1A008 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFL211G90TC1A008 MURATA1-LFL211G90TC1A008 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFL211G90TC1A008 MURATA1-LFL211G90TC1A008 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
LFL211G90TC1A008 MURATA1-LFL211G90TC1A008 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFL211G90TC1A008

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com