Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFL211G92TC1A060 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # LFL211G92TC1A060
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFL211G92TC1A060 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button LFL211G92TC1A060 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFL211G92TC1A060 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFL211G92TC1A060 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFL211G92TC1A060 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFL211G92TC1A060 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFL211G92TC1A060 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFL211G92TC1A060 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LFL211G92TC1A060 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LFL211G92TC1A060 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Filters for Communication Equipment
7
for RF/Local
Chip Multilayer LC Filters (LPF)
o LFL15_TC (0402) /LFL18_TC (0603) /LFL21_TC (0805) Series
LFL15_TC Series
1.00
±0.05
0.4 max.
(1)
(4)
(2)
(3)
0.10
±0.05
0.35
±0.10 0.3±0.1
A : Directional Input Mark
All the technical data and information contained
herein are subject to change without prior notice.
(1)(3) : GND
(2) : OUT
(4) : IN
(in mm)
A
Frequency Characteristics
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
2.35
4.95
7.55
Frequency Range (GHz)
LFL18_TC Series
(in mm)
All the technical data and Information contained herein are subject
to change without prior notice.
(1)
(2)
(3)
(6)
(5)
(4)
1.6
±0.1
0.3
±0.1
0.20
+0.10
-0.15
0.2
±0.1
0.50
±0.05
0.6
±0.1
(1) : IN
(2)(4)(6) : GND
(3) : OUT
(5) : NC
A : Pin 1 Marking
A
Frequency Characteristics
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0.5
1.75
Frequency Range (GHz)
3.0
LFL21_TC Series
2.00
±0.15
0.95
±0.10
0.3
+0.1
-0.15
0.3
+0.1
-0.2
0.3
+0.1
-0.2
0.35
±0.1
0.65
±0.05
0.20
±0.15
Directional
Input Mark
GND
NC
OUT
IN
Terminal of "NC" should be fixed to no connected pattern.
* All the technical data and information contained herein are subject to
change without prior notice.
(in mm)
(1)
(2)
(3)
(7)
(8)
(4)
(6)
(5)
(1)(3)(5)(7) :
(2)(6) :
(4) :
(8) :
Frequency Characteristics
0.1
2.15
Frequency Range (GHz)
60
70
50
30
10
0
40
20
10
70
50
60
40
30
20
0
5.1
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFL152G45TC1A219
2450
fo
±50
0.45 max. (at 25
°C)
21 min. at 2x(fo
±50.0)MHz
21 min. at 3x(fo
±50.0)MHz
LFL18815MTC2A072
815.5
fo
±9.5
0.80 max. (at 25
°C)
35 min. at 2x(fo
±9.5)MHz
30 min. at 3x(fo
±9.5)MHz
LFL18924MTC1A052
924.5
fo
±35
0.40 max. (at 25
°C)
20 min. at 2x(fo
±35.0)MHz
15 min. at 3x(fo
±35.0)MHz
LFL182G45TC1A108
2450
fo
±50
0.37 max. (at 25
°C)
27 min. at 4800~5000MHz
25 min. at 7200~7500MHz
LFL182G45TC1A202
2450
fo
±50
0.40 max. (at 25
°C)
27 min. at 4800~5000MHz
30 min. at 7200~7500MHz
LFL21600MTC1A002
600
fo
±250
1.37 max. (at 25
°C)
20 min. at 1550~4250MHz
9 min. at 1100MHz
LFL21847MTC1A006
847.5
fo
±37.5
0.75 max. (at 25
°C)
30 min. at 2x(fo
±37.5)MHz
30 min. at 3x(fo
±37.5)MHz
LFL21902MTC1A018
902.5
fo
±12.5
0.6 max. (at 25
°C)
30 min. at 2x(fo
±12.5)MHz
30 min. at 3x(fo
±12.5)MHz
LFL211G35TC1A001
1350.0
fo
±250
0.92 max. (at 25
°C)
25 min. at 2300~5000MHz
-
LFL211G44TC1A014
1441.0
fo
±12.0
0.47 max. (at 25
°C)
31 min. at 2xfoMHz
26 min. at 3xfoMHz
LFL211G79TC1A011
1795
fo
±85
0.47 max. (at 25
°C)
30 min. at 2x(1747.5
±37.5)MHz
25 min. at 2x(1842.5
±37.5)MHz
LFL211G89TC1A015
1890
fo
±10.0
0.47 max. (at 25
°C)
30 min. at 2x(fo
±10.0)MHz
26 min. at 3x(fo
±10.0)MHz
LFL211G90TC1A008
1907.5
fo
±12.5
0.47 max. (at 25
°C)
30 min. at 2x(fo
±12.5)MHz
25 min. at 3x(fo
±12.5)MHz
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFL211G92TC1A060

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL211G92TC1A060 MURATA-LFL211G92TC1A060 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFL211G92TC1A060 MURATA1-LFL211G92TC1A060 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFL211G92TC1A060 MURATA1-LFL211G92TC1A060 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
LFL211G92TC1A060 MURATA1-LFL211G92TC1A060 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFL211G92TC1A060

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com