Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD212G45DP3A140 Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd.

Part # LFD212G45DP3A140
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFD212G45DP3A140 Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd.

Back Button LFD212G45DP3A140 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Filters for Communication Equipment
7
Part Number
Center
Frequency
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
VSWR
Input
Impedance
Output
Impedance
SAFEB1G84FA0F00
1842.5
2.5 max.
(1805~1880MHz)
1.5
(1805MHz~1880MHz)
2.2max.
(1805MHz~1880MHz)
50ohm
150ohm//18nH
SAFED1G84FB0F00
1842.5
2.0 max.
(1805~1880MHz)
1.3
(1805MHz~1880MHz)
2.5max.
(1805MHz~1880MHz)
50ohm
150ohm//18nH
SAFEH1G84FB0F00
1842.5
2.5 max.
(1805~1880MHz)
1.5
(1805MHz~1880MHz)
2.2max.
(1805MHz~1880MHz)
50ohm
150ohm//18nH
SAFEF1G84AA0F00
1842.5
2.8 max.
(1805~1880MHz)
1.7
(1805MHz~1880MHz)
2.2max.
(1805MHz~1880MHz)
50ohm
50ohm
SAFSE1G84KA0T00
1842.5
3.2 max.
(1805~1880MHz)
2.2
(1805MHz~1880MHz)
2.8max.
(1805MHz~1880MHz)
50ohm
50ohm
SAFSD1G84FA0T00
1842.5
3 max.
(1805~1880MHz)
2
(1805MHz~1880MHz)
2.7max.
(1805MHz~1880MHz)
50ohm
200ohm//27nH
SAFSD1G84CB0T00
1842.5
3.8 max.
(1805~1880MHz)
2
(1805MHz~1880MHz)
2.7max.
(1805MHz~1880MHz)
50ohm
50ohm
SAFCC1G74KA0T00
1747.5
4.2 max.
(1710MHz~1785MHz)
2.6
(1710MHz~1785MHz)
2.5max.
(1710MHz~1785MHz)
50ohm
50ohm
o GSM1800/GSM1900 Dual Band
SAWEP1G84CQ0F00(1960)
Laser Printing
EIAJ Code
Marking :
∗ :
(1) :
(4) :
(8)(9) :
(6)(7) :
Others :
Input
Input
Output
Output
Ground
(in mm)
2.0
±0.1
(10)
(5)
(9)
(6)
(7)
(8)
(1)
(4)
(3)
(2)
(0.20)
6-0.27
±0.05
8-0.26
±0.05
0.45
±0.05
0.65
±0.05
(C0.15)
(0.075)
0.6 max.
Dot Marking
(ø0.3)
SAWES1G84CQ0F00(1960)
Input
Input
Output
Output
Ground
(1) :
(4) :
(8)(9) :
(6)(7) :
Others :
(in mm)
Dot Marking (ø0.3)
(0.2)
(3) (4)
(2)
(1)
(7) (6)
(8)
(9)
(C0.15)
M
2.5
±0.1
8-0.325
±0.050
2-0.70
±0.05
6-0.35
±0.05
Marking :
∗ :
Laser Printing
EIAJ Code
(10)
(5)
Pin
Part Number
Center
Frequency
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
VSWR
Input
Impedance
Output
Impedance
SAWEP1G84CQ0F00(1842.5)
1842.5
2.5 max.
(1805MHz~1880MHz)
1.5
(1805MHz~1880MHz)
2.2max.
(1805MHz~1880MHz)
50ohm
150ohm//15nH
SAWEP1G84CQ0F00(1960)
1960
2.6 max.
(1930MHz~1990MHz)
1.8
(1930MHz~1990MHz)
2.2max.
(1930MHz~1990MHz)
50ohm
150ohm//18nH
SAWES1G84CQ0F00(1842.5)
1842.5
2.6 max.
(1805MHz~1880MHz)
1.7
(1805MHz~1880MHz)
2.4max.
(1805MHz~1880MHz)
50ohm
150ohm//15nH
SAWES1G84CQ0F00(1960)
1960
3.0 max.
(1930MHz~1990MHz)
1.9
(1930MHz~1990MHz)
2.4max.
(1930MHz~1990MHz)
50ohm
150ohm//22nH
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFD212G45DP3A140

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD212G45DP3A140 MURATA-LFD212G45DP3A140 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD212G45DP3A140 MURATA-LFD212G45DP3A140 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFD212G45DP3A140 MURATA1-LFD212G45DP3A140 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFD212G45DP3A140 MURATA1-LFD212G45DP3A140 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFD212G45DP3A140

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com