Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-D11U Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E32-D11U
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11U Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E32-D11U Datasheet HTML 7Page - Omron Electronics LLC E32-D11U Datasheet HTML 8Page - Omron Electronics LLC E32-D11U Datasheet HTML 9Page - Omron Electronics LLC E32-D11U Datasheet HTML 10Page - Omron Electronics LLC E32-D11U Datasheet HTML 11Page - Omron Electronics LLC E32-D11U Datasheet HTML 12Page - Omron Electronics LLC E32-D11U Datasheet HTML 13Page - Omron Electronics LLC E32-D11U Datasheet HTML 14Page - Omron Electronics LLC E32-D11U Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
11
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
Coaxial, M6 screw
300
E32-CC200
Coaxial, 3-dia. cylinder
150
E32-D32L
Small spot
0.1-dia. spot at a distance of 7 mm
E32-C41+
E39-F3A-5
Small variable spot
Spot diameter variable in the
range 0.1 to 0.6 mm at distances
in the range 6 to 15 mm
E32-C42+
E39-F3A
Long distance, small spot
0.5-dia. spot at 17 mm
E32-C31+
E39-F3B
Long distance, parallel light
Spot diameter of 4 mm max. at
distances in the range 0 to 20 mm
E32-C31+
E39-F3C
Special-beam Models
Coaxial, Small Spot
• Small spot diameter (0.1 mm min. in diameter) enables
the reliable detection of small workpieces.
• Use of red light ensures easy visual recognition and
simple positioning.
E32-C42+
E39-F3A
Detecting of CDs
E32-C31+
E39-F3C
Min. sensing object
0.005-mm dia.
Ambient tempera-
ture range
−40°C to 70°C (no icing or condensation)
Fiber material
Plastic
E32-C41+
E39-F3A-5
7 mm
0.1 mm dia. spot
Variable from
0.1 to 0.6 dia.
E32-C42+
E39-F3A
6 mm
15 mm
17 mm
0.5 mm dia.
E32-C31+
E39-F3B
E32-C31+
E39-F3C
4 mm dia.
20 mm
11 mm


Similar Part No. - E32-D11U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D11 OMRON-E32-D11 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D11 OMRON-E32-D11 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D11L OMRON-E32-D11L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D11L OMRON-E32-D11L Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D11R OMRON-E32-D11R Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-D11U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
   The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com