Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3553CS-RLG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS3553CS-RLG
Description  3A/350kHz Synchronous Buck DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3553CS-RLG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS3553CS-RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3553CS-RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3553CS-RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3553CS-RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3553CS-RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3553CS-RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3553CS-RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3553CS-RLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3553CS-RLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS3553
3A/350kHz Synchronous Buck DC/DC Converter
3/11
Version: B11
Block Diagram
Pin Function Description
Pin NO. Pin Name
Pin Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel
MOSFET switch. Connect a 0.01µF or greater capacitor from SW to BS to power the
high side switch.
2
VIN
Power Input. IN supplies the power to the IC, as well as the step-down converter
switches. Drive IN with a 4.75V to 23V power source. Bypass IN to GND with a suitably
large capacitor to eliminate noise on the input to the IC. See Input Capacitor.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is
required from SW to BS to power the high-side switch.
4
GND
Ground.
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 0.925V. See
Setting the Output Voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND to compensate the regulation control
loop. In some cases, an additional capacitor from COMP to GND is required. See
Compensation Components.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn
on the regulator, drive it low to turn it off. Pull up with 100kΩ resistor for automatic
startup.
8
SS
Soft-Start Control Input. SS controls the soft start period. Connect a capacitor from SS
to GND to set the soft-start period. A 0.1µF capacitor sets the soft-start period to 15ms.
To disable the soft-start feature, leave SS unconnected.


Similar Part No. - TS3553CS-RLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3552 TSC-TS3552 Datasheet
415Kb / 11P
   2A/350kHz Synchronous Buck DC/DC Converter
TS3552CSRLG TSC-TS3552CSRLG Datasheet
415Kb / 11P
   2A/350kHz Synchronous Buck DC/DC Converter
More results

Similar Description - TS3553CS-RLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3552 TSC-TS3552 Datasheet
415Kb / 11P
   2A/350kHz Synchronous Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
   500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
   340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
List of Unclassifed Man...
GS2678 ETC-GS2678 Datasheet
252Kb / 9P
   5A 350KHz 25V Buck DC to DC Converter
logo
Diodes Incorporated
AP6507 DIODES-AP6507 Datasheet
448Kb / 13P
   500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
   21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com