Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-D25XB Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E32-D25XB
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D25XB Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E32-D25XB Datasheet HTML 3Page - Omron Electronics LLC E32-D25XB Datasheet HTML 4Page - Omron Electronics LLC E32-D25XB Datasheet HTML 5Page - Omron Electronics LLC E32-D25XB Datasheet HTML 6Page - Omron Electronics LLC E32-D25XB Datasheet HTML 7Page - Omron Electronics LLC E32-D25XB Datasheet HTML 8Page - Omron Electronics LLC E32-D25XB Datasheet HTML 9Page - Omron Electronics LLC E32-D25XB Datasheet HTML 10Page - Omron Electronics LLC E32-D25XB Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
7
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
■ Feature: Fluorine Coating
Fluororesin is used as the sheath material to prevent fi-
ber degradation resulting from oil adhesion.
Note: The tip of the head is not chemical-resistant.
■ Ratings/Characteristics
This customization/delivery service applies to standard models. It is
aimed at reducing industrial waste and simplifying the installation
procedure.
■ Fiber Length vs. Sensing Distance
Through-beam Fiber Units
(Fiber length of 2 m corresponds to
100%.)
Fiber Units with Reflective Sensors
(Fiber length of 2 m corresponds to
100%.)
■ Model Number Used When Changing Only the Sleeve Length
■ Model Number Used When Changing the Sleeve Length and Bends
Standard Models
Fluorine Coating
U
• Fiber degradation due to oil is prevented using a fluo-
roresin coating.
• Free cutting is possible with cutter provided.
Oil is blocked!
(Cross section)
Fluororesin coating
Min. sensing ob-
ject
0.005-mm dia.
Min. bending ra-
dius
4 mm
Ambient temper-
ature range
−40°C to 70°C (with no icing or condensation)
Fiber material
Plastic
Fiber Customization Service
(Fiber Length, Sleeve
Length, and Bends)
Fiber Length
■Applicable Models
Standard models
Flexible Break-resistant Models
■Model Number Used for Ordering
Standard model number + Fiber length
Fiber length: 0.3 m, 0.5 m, or any length from
1 to 20 m (in 1-m units)
Sleeve Length and Bends
■Applicable Models
E32-TC200B/E32-TC200F
E32-DC200B/E32-DC200F
The E32-DC200B cannot be bent.
100
80
60
40
20
2
0
5
10
15
20
Fiber length (m)
100
80
60
40
20
2
0
5
10
15
20
Fiber length (m)
L
Model: E32- *1 C200 *2 -S *3
R
L1
L2
R
Total length
Total length
Model Numbers Incorporating the Bending Radius, R, and Dimensions L1 and L2
*1: Insert "T" for Through-beam Fiber Units and "D" for Fiber Units with Reflective Sensors.
*2: Insert the "B" or "F" that appears at the end of the original model number.
*3: Insert "50" if the total length is 50 mm. The total length must not exceed 120 mm.
Specifying L1 Only
R5
R7.5
R10
R12.5
Model number
L1 (
±1)
10
15
12.5
17.5
15
20
17.5
22.5
E32- *1 C200 *2 -S *3 A1
E32- *1 C200 *2 -S *3 A2
E32- *1 C200 *2 -S *3 B1
E32- *1 C200 *2 -S *3 B2
E32- *1 C200 *2 -S *3 C1
E32- *1 C200 *2 -S *3 C2
E32- *1 C200 *2 -S *3 D1
E32- *1 C200 *2 -S *3 D2
(Units: mm)
(Units: mm)
Specifying L2 Only
R5
R7.5
R10
R12.5
Bending
radius
Bending
radius
L2 (
±1)
5
10
7.5
17.5
10
20
12.5
22.5
E32- *1 C200 *2 -S *3 A3
E32- *1 C200 *2 -S *3 A4
E32- *1 C200 *2 -S *3 B3
E32- *1 C200 *2 -S *3 B4
E32- *1 C200 *2 -S *3 C3
E32- *1 C200 *2 -S *3 C4
E32- *1 C200 *2 -S *3 D3
E32- *1 C200 *2 -S *3 D4
Model number


Similar Part No. - E32-D25XB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D21 OMRON-E32-D21 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D21 OMRON-E32-D21 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D21L OMRON-E32-D21L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D21L OMRON-E32-D21L Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D21R OMRON-E32-D21R Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-D25XB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
   The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com