Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW50A8R20JA Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # FW50A8R20JA
Description  Fusible Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FW50A8R20JA Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  FW50A8R20JA Datasheet HTML 1Page - Bourns Electronic Solutions FW50A8R20JA Datasheet HTML 2Page - Bourns Electronic Solutions FW50A8R20JA Datasheet HTML 3Page - Bourns Electronic Solutions FW50A8R20JA Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
FWxxA Series Fusible Power Resistors
Fusing Performance
Temperature Rise
Power Derating Curve
Pulse Performance
1.2/50 µs Peak Voltage Limit (10 pulses at 10 sec. intervals,
ΔR < 5 %)
NOTE: The voltage shown in these curves is the voltage across the resistor. The generator voltage will be higher due to the generator’s internal impedance.
7 W
5 W
3 W
2 W
1 W
0
1
2
3
4
5
6
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
68
100
120
20
Value (Ohms)
0
20
40
60
80
100
120
140
160
180
200
220
240
1 W
2 W
3 W
5 W
7 W
10
20
Initial Power (W)
30
40
70
50
60
1 W
2 W
3 W
5 W
7 W
Rated Load (%)
0
20
40
20
60
80
100
100
200
300
0
-55
0
50
100
150
200
250
+70 °C
+155 °C
+275 °C
300
20
40
Ambient Temperature (°C)
60
80
100


Similar Part No. - FW50A8R20JA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FW50A BOURNS-FW50A Datasheet
598Kb / 4P
   Fusible Power Resistors
More results

Similar Description - FW50A8R20JA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FWXXA BOURNS-FWXXA Datasheet
598Kb / 4P
   Fusible Power Resistors
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
   Fusible Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
   Fusible Chip Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com