Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT2907AT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # PZT2907AT1
Description  SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZT2907AT1 Datasheet(HTML) 3 Page - Motorola, Inc

  PZT2907AT1 Datasheet HTML 1Page - Motorola, Inc PZT2907AT1 Datasheet HTML 2Page - Motorola, Inc PZT2907AT1 Datasheet HTML 3Page - Motorola, Inc PZT2907AT1 Datasheet HTML 4Page - Motorola, Inc PZT2907AT1 Datasheet HTML 5Page - Motorola, Inc PZT2907AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PZT2907AT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
1000
100
10
–1000
–100
–10
–1.0
– 0.1
IC, COLLECTOR CURRENT (mA)
TJ = 125°C
TJ = – 55°C
TJ = 25°C
Figure 3. DC Current Gain
1000
100
10
–1000
–100
–10
–1.0
VCE = – 20 V
TJ = 25°C
IC, COLLECTOR CURRENT (mA)
Figure 4. Current Gain Bandwidth Product
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
0
– 500
– 200
–100
– 50
– 20
–10
– 0.1 – 0.2 – 0.5 –1.0 – 2.0
– 5.0
IC, COLLECTOR CURRENT (mA)
Figure 5. “ON” Voltage
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
VCE(sat) @ IC/IB = 10
30
20
10
7.0
5.0
3.0
2.0
– 0.1
– 0.2 – 0.3 – 0.5 – 0.7 –1.0 – 2.0 – 3.0 – 5.0 – 7.0 –10 – 20 – 30
REVERSE VOLTAGE (VOLTS)
Figure 6. Capacitances
Ceb
Ccb


Similar Part No. - PZT2907AT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
PZT2907AT1 ONSEMI-PZT2907AT1_11 Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
More results

Similar Description - PZT2907AT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Nanjing International G...
BCP51 DGNJDZ-BCP51 Datasheet
747Kb / 2P
   SOT-223 Package Outline Dimensions
logo
Shanghai Leiditech Elec...
LM857N5 LEIDITECH-LM857N5 Datasheet
700Kb / 3P
   General Purpose Transistor PNP Silicon Surface Mount Plastic Package
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com