Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-342MC3F Datasheet(PDF) 3 Page - Rohm

Part # SLR-342MC3F
Description  ROHM Customer Support System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342MC3F Datasheet(HTML) 3 Page - Rohm

  SLR-342MC3F Datasheet HTML 1Page - Rohm SLR-342MC3F Datasheet HTML 2Page - Rohm SLR-342MC3F Datasheet HTML 3Page - Rohm SLR-342MC3F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SLR-342 Series
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342VC
Diffused Colored
SLR-342VR
Orange (D)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342DC
Diffused Colored
SLR-342DU
Yellow (Y)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342YC
Diffused Colored
SLR-342YY
Green (M)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342MC
Diffused Colored
SLR-342MG
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S L R
3 4 2 Y
Series name
Package type
Emitting Color Resin Color
Taping specifications
V
D
Y
M
R <Red>
Diffused Colored
<Orange>
Diffused Colored
<Yellow>
Diffused Colored
<Green>
Diffused Colored
Transparent
Colored
U
Y
G
C
Red:630nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572(563)nm
T
See taping specifications
C T 3 2
Rank sign (Brightness Rank)∗
M
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-342MC3F

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342MC3F ROHM-SLR-342MC3F Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
More results

Similar Description - SLR-342MC3F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2125H ETC2-2125H Datasheet
125Kb / 2P
   DISTRIBUTION CUSTOMER INFORMATION SYSTEM
logo
PANDUIT CORP.
JP2DW-L20 PANDUIT-JP2DW-L20 Datasheet
3Mb / 6P
   J-Pro??Cable Support System
12/2015
logo
Rohm
BM92A15MWV-EVK-001 ROHM-BM92A15MWV-EVK-001 Datasheet
2Mb / 9P
   ROHM USB Type-C Power Delivery
BM92A56MWV-EVK-001 ROHM-BM92A56MWV-EVK-001 Datasheet
3Mb / 9P
   ROHM USB Type-C Power Delivery
BM92A12MWV-EVK-001 ROHM-BM92A12MWV-EVK-001 Datasheet
10Mb / 9P
   ROHM USB Type-C Power Delivery
SMLK34 ROHM-SMLK34_11 Datasheet
1Mb / 4P
   High heat radiation package from ROHM original flat frame
SMLK19 ROHM-SMLK19 Datasheet
1,015Kb / 4P
   High heat radiation package from ROHM original flat flame structure
logo
AAEON Technology
AEC-204B AAEON-AEC-204B Datasheet
392Kb / 2P
   4-slot Industrial Wallmount IPC System, Half-size CPU Cards Support
logo
Intel Corporation
M82380 INTEL-M82380 Datasheet
1Mb / 134P
   HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
logo
AAEON Technology
ZEUS-PUR0 AAEON-ZEUS-PUR0 Datasheet
494Kb / 2P
   4U Rackmount Purley Platform Server System, Support Xeon® FPGA CPU
2022/10/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com