Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIC31J241 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # CIC31J241
Description  Chip Bead CIC/CIS Series For High Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIC31J241 Datasheet(HTML) 5 Page - Samsung semiconductor

  CIC31J241 Datasheet HTML 1Page - Samsung semiconductor CIC31J241 Datasheet HTML 2Page - Samsung semiconductor CIC31J241 Datasheet HTML 3Page - Samsung semiconductor CIC31J241 Datasheet HTML 4Page - Samsung semiconductor CIC31J241 Datasheet HTML 5Page - Samsung semiconductor CIC31J241 Datasheet HTML 6Page - Samsung semiconductor CIC31J241 Datasheet HTML 7Page - Samsung semiconductor CIC31J241 Datasheet HTML 8Page - Samsung semiconductor CIC31J241 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIC 31P 300
CIC 31P 500
CIC 31P 700
CIC 31P 121
CIC 31P 221
CIC 31P 301
CIC 31P 471
CIC 31P 601
CIC 31J 300
CIC 31J 500
CIC 31J 800
CIC 31J 121
CIC 31J 241
CIC 31J 301
CIC 31J 471
CIC 31J 601
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
30
50
70
120
220
300
470
600
30
50
80
120
240
300
470
600
0.01
0.025
0.025
0.025
0.05
0.05
0.07
0.15
0.02
0.02
0.02
0.03
0.05
0.05
0.05
0.05
3000
3000
3000
2000
2000
2000
1500
1000
4000
4000
4000
4000
3000
3000
3000
2500
CIC 3216(1206) Type
CIC31P300
80
1M
10M
100M
1G
40
0
FREQUENCY(Hz)
Z
R
X
CIC31P500
80
1M
10M
100M
1G
40
0
FREQUENCY(Hz)
Z
R
X
CIC31P121
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIC31P221
200
400
1M
10M
100M
1G
0
FREQUENCY(Hz)
Z
R
X
CIC31P301
200
400
1M
10M
100M
1G
0
FREQUENCY(Hz)
Z
R
X
CIC31P471
200
400
600
1M
10M
100M
1G
0
FREQUENCY(Hz)
Z
R
X


Similar Description - CIC31J241

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
   Chip Ferrite Bead for High Current
logo
ABC Taiwan Electronics ...
MB4532 ABC-MB4532 Datasheet
219Kb / 6P
   HIGH CURRENT MULTILAYER CHIP BEAD
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com