Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X7R1E104KT Datasheet(PDF) 9 Page - Samsung semiconductor

Part # C1608X7R1E104KT
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

C1608X7R1E104KT Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button C1608X7R1E104KT Datasheet HTML 5Page - Samsung semiconductor C1608X7R1E104KT Datasheet HTML 6Page - Samsung semiconductor C1608X7R1E104KT Datasheet HTML 7Page - Samsung semiconductor C1608X7R1E104KT Datasheet HTML 8Page - Samsung semiconductor C1608X7R1E104KT Datasheet HTML 9Page - Samsung semiconductor C1608X7R1E104KT Datasheet HTML 10Page - Samsung semiconductor C1608X7R1E104KT Datasheet HTML 11Page - Samsung semiconductor C1608X7R1E104KT Datasheet HTML 12Page - Samsung semiconductor C1608X7R1E104KT Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 8 -
3 CAPACITANCE TEMPERATURE CHARACTERISTIC
Symbol
Temperature Characteristics
Temperature
Range
C
Class Ⅰ
COG
C△
0±30(ppm/℃)
-55 ~ +125℃
P
P2H
P△
-150±60
R
R2H
R△
-220±60
S
S2H
S△
-330±60
T
T2H
T△
-470±60
U
U2J
U△
-750±60
L
S2L
S△
+350 ~ -1000
A
Class Ⅱ
X5R
X5R
±
15%
-55 ~ +85℃
B
X7R
X7R
±
15%
-55 ~ +125℃
F
Y5V
Y5V
+22 ~ -82%
-30 ~ +85℃
※ Temperature Characteristic
Temperature
Characteristics
Below 2.0pF
2.2 ~ 3.9pF
Above 4.0pF
Above 10pF
C0G
C0G
C0G
C0G
-
P2J
P2H
P2H
-
R2J
R2H
R2H
-
S2J
S2H
S2H
-
T2J
T2H
T2H
-
U2J
U2J
U2J
J: ±120PPM/℃,H: ±60PPM/℃,G: ±30PPM/℃
4 NOMINAL CAPACITANCE
Nominal capacitance is identified by 3 digits.
The first and second digits identify the first and second significant figures of the capacitance.
The third digit identifies the multiplier. 'R' identifies a decimal point.
● Example
Symbol
Nominal Capacitance
1R5
1.5pF
103
10,000pF, 10nF, 0.01μF
104
100,000pF, 100nF, 0.1μF


Similar Part No. - C1608X7R1E104KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1608X7R1E104KT TI1-C1608X7R1E104KT Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
C1608X7R1E104KT TI1-C1608X7R1E104KT Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
Samsung semiconductor
C1608X7R1E104KT SAMSUNG-C1608X7R1E104KT Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
More results

Similar Description - C1608X7R1E104KT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com