Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIH03T2N7S Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CIH03T2N7S
Description  Chip Inductor CIH Series High Frequency Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIH03T2N7S Datasheet(HTML) 1 Page - Samsung semiconductor

  CIH03T2N7S Datasheet HTML 1Page - Samsung semiconductor CIH03T2N7S Datasheet HTML 2Page - Samsung semiconductor CIH03T2N7S Datasheet HTML 3Page - Samsung semiconductor CIH03T2N7S Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L
W
t
d
(1) Chip Inductor
(2) H:High frequency type
(3) Dimension
(4) Material code(T:Dielectric material)
(5) Inductance(4N7:4.7nH, 10N:10nH, R10:100nH)
(6) Tolerance(C:
±0.2nH, S:±0.3nH, J:±5%, K:±10%)
(7) Thickness option(N:Standard, A:Thinner than standard, B:Thicker than standard)
(8) Packaging(C:paper tape, E:embossed tape)
CI
H
03
T
12N
J
N
C
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Ceramic Body
External Electorode
Marking(except 2012)
0.6
±0.03
1.0
±0.05
1.6
±0.15
0.3
±0.03
0.5
±0.05
0.8
±0.15
0.3
±0.03
0.5
±0.05
0.8
±0.15
0.15
±0.05
0.25
±0.1
0.3
±0.2
03
05
10
Unit : mm
td
SIZE CODE
W
L
CIH Series has dielectric material and 100% Ag as an internal conductor Therefore, it has high Q and lZl at high frequency.
It is possible to use for high frequency over 100MHz.
Part Numbering
•Lowest value of specific resistivity, good property of Q and high SRF.
•Possible to use at range above 100MHz
•Monolithic structure for high reliability.
Feature
•Mobile communication systems, noise suppression at high frequency
and Impedance matching.
Application
Dimensions
Chip Inductor; CIH Series
High Frequency Type
Operating Temp
Storage Temp
-55~+125
-10~+40


Similar Part No. - CIH03T2N7S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH03T2N7S SAMSUNG-CIH03T2N7S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH03T2N7S SAMSUNG-CIH03T2N7S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH03T2N7S SAMSUNG-CIH03T2N7S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
More results

Similar Description - CIH03T2N7S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH05T5N6SNC SAMSUNG-CIH05T5N6SNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH10T82NJNC SAMSUNG-CIH10T82NJNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH05T6N8JNC SAMSUNG-CIH05T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH10T6N8JNC SAMSUNG-CIH10T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor; CIH Series
CIH05TR10JNC SAMSUNG-CIH05TR10JNC Datasheet
753Kb / 4P
   Chip Inductor; CIH Series
logo
TAI-TECH Advanced Elect...
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC63I TAI-TECH-SWC63I Datasheet
87Kb / 2P
   High Frequency Winding Type Chip Inductor
SWI0805F TAI-TECH-SWI0805F Datasheet
164Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC85I TAI-TECH-SWC85I Datasheet
82Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC108I TAI-TECH-SWC108I Datasheet
81Kb / 2P
   High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com