Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIH03T3N9S Datasheet(PDF) 4 Page - Samsung semiconductor

Part # CIH03T3N9S
Description  Chip Inductor CIH Series High Frequency Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIH03T3N9S Datasheet(HTML) 4 Page - Samsung semiconductor

  CIH03T3N9S Datasheet HTML 1Page - Samsung semiconductor CIH03T3N9S Datasheet HTML 2Page - Samsung semiconductor CIH03T3N9S Datasheet HTML 3Page - Samsung semiconductor CIH03T3N9S Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
46
47
Part No.
Q (typical)
100MHz
800MHz
DC
resistance
(
Ω) Max.
Rated
current
(mA) Max.
SRF
(MHz)
Min.
CIH 10T 1N0 S
CIH 10T 1N2 S
CIH 10T 1N5 S
CIH 10T 1N8 S
CIH 10T 2N2 S
CIH 10T 2N7 S
CIH 10T 3N3
CIH 10T 3N9
CIH 10T 4N7
CIH 10T 5N6
CIH 10T 6N8
CIH 10T 8N2
CIH 10T 10N
CIH 10T 12N
CIH 10T 15N
CIH 10T 18N
CIH 10T 22N
CIH 10T 27N
CIH 10T 33N
CIH 10T 39N
CIH 10T 47N
CIH 10T 56N
CIH 10T 68N
CIH 10T 82N
CIH 10T R10
CIH 10T R12
CIH 10T R15
CIH 10T R18
CIH 10T R22
CIH 10T R27
Inductance
(nH)
@100MHz
1.0
±0.3nH
1.2
±0.3nH
1.5
±0.3nH
1.8
±0.3nH
2.2
±0.3nH
2.7
±0.3nH
3.3
±0.3nH,10%
3.9
±0.3nH,10%
4.7
±0.3nH,10%
5.6
±0.3nH,10%
6.8
±10%, 5%
8.2
±10%, 5%
10.0
±10%, 5%
12.0
±10%, 5%
15.0
±10%, 5%
18.0
±10%, 5%
22.0
±10%, 5%
27.0
±10%, 5%
33.0
±10%, 5%
39.0
±10%, 5%
47.0
±10%, 5%
56.0
±10%, 5%
68.0
±10%, 5%
82.0
±10%, 5%
100.0
±10%, 5%
120.0
±10%, 5%
150.0
±10%, 5%
180.0
±10%, 5%
220.0
±10%, 5%
270.0
±10%, 5%
8
8
8
8
8
10
10
10
10
10
10
10
12
12
12
12
12
12
12
12
12
12
12
12
12
(2)
8
(2)
8
(2)
8
(2)
8
(2)
8
20
20
20
20
20
25
25
27
27
27
27
26
26
24
24
24
25
25
24
20
20
20
(1)
20
(1)
20
(1)
20
-
-
-
-
-
10000
10000
6000
6000
6000
6000
6000
6000
4000
4000
4000
3500
3400
2600
2300
2000
1600
1400
1200
1100
900
900
700
600
600
500
500
400
400
400
0.05
0.05
0.10
0.10
0.10
0.10
0.12
0.14
0.16
0.18
0.22
0.24
0.26
0.28
0.32
0.35
0.40
0.45
0.55
0.60
0.77
0.75
0.85
0.95
1.00
1.20
1.20
1.30
1.50
1.50
800
800
800
800
800
800
800
800
800
800
700
700
600
600
500
500
500
500
500
400
400
400
350
350
350
300
250
250
200
200
: Tolerance (S : ±0.3nH, J : ±5%, K:±10%)
Test equipment : Agilent 4291B+16192A
(1)
500MHz, (2) 50MHz,
CIH 1608(0603) Type


Similar Part No. - CIH03T3N9S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH03T3N9S SAMSUNG-CIH03T3N9S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH03T3N9S SAMSUNG-CIH03T3N9S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH03T3N9S SAMSUNG-CIH03T3N9S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
More results

Similar Description - CIH03T3N9S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH05T5N6SNC SAMSUNG-CIH05T5N6SNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH10T82NJNC SAMSUNG-CIH10T82NJNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH05T6N8JNC SAMSUNG-CIH05T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH10T6N8JNC SAMSUNG-CIH10T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor; CIH Series
CIH05TR10JNC SAMSUNG-CIH05TR10JNC Datasheet
753Kb / 4P
   Chip Inductor; CIH Series
logo
TAI-TECH Advanced Elect...
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC63I TAI-TECH-SWC63I Datasheet
87Kb / 2P
   High Frequency Winding Type Chip Inductor
SWI0805F TAI-TECH-SWI0805F Datasheet
164Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC85I TAI-TECH-SWC85I Datasheet
82Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC108I TAI-TECH-SWC108I Datasheet
81Kb / 2P
   High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com