Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL05A474KQ5NNNC Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CL05A474KQ5NNNC
Description  SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL05A474KQ5NNNC Datasheet(HTML) 1 Page - Samsung semiconductor

  CL05A474KQ5NNNC Datasheet HTML 1Page - Samsung semiconductor CL05A474KQ5NNNC Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
• Supplier : Samsung electro-mechanics
• Samsung P/N : CL05A474KQ5NNNC
• Product : Multi-layer Ceramic Capacitor
• Description :
CAP, 470㎋, 6.3V, ±10%, X5R, 0402
CL
05
A
474
K
Q
5
N
N
N
C
⑤⑥⑦⑧⑨⑩⑪
① Series
Samsung Multi-layer Ceramic Capacitor
② Size
0402 (inch code)
L: 1.0 ± 0.05
mm
W:
± 0.05 mm
③ Dielectric
X5R
⑧ Inner electrode
④ Capacitance
470 ㎋
Termination
⑤ Capacitance
±10 %
Plating
(Pb Free)
tolerance
⑨ Product
Normal
⑥ Rated Voltage
6.3 V
⑩ Special
Reserved for future use
⑦ Thickness
0.5 ± 0.05 mm
⑪ Packaging
Cardboard Type, 7" reel
B. Samsung Reliablility Test and Judgement condition
Capacitance
Within specified tolerance
1㎑±10%
1.0±0.2Vrms
Tan δ (DF)
0.1 max.
Insulation
10,000Mohm or 100Mohm
⋅㎌
Rated Voltage
60~120 sec.
Resistance
Whichever is Smaller
Appearance
No abnormal exterior appearance
Microscope (
×10)
Withstanding
No dielectric breakdown or
of the rated voltage
Voltage
mechanical breakdown
Temperature
X5R
Characterisitcs
(From -55℃ to 85℃, Capacitance change shoud be within ±15%)
Adhesive Strength
No peeling shall be occur on the
500g
⋅F, for 10±1 sec.
of Termination
terminal electrode
Bending Strength
Capacitance change :
within ±12.5% Bending to the limit (1mm)
with 1.0mm/sec.
Solderability
More than 75% of terminal surface
1) Sn63Pb37 solder
is to be soldered newly
235±5℃, 5±0.5sec.
2) SnAg3.0Cu0.5 solder
245±5℃, 3±0.3sec.
(preheating : 80~120℃ for 10~30sec.)
Resistance to
Capacitance change :
within ±7.5%
Solder pot : 270±5℃, 10±1sec.
Soldering heat
Tan δ, IR : initial spec.
Performance
Test condition
250%
A. Samsung Part Number
Sn 100%
Cu
Ni
0.5


Similar Part No. - CL05A474KQ5NNNC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CL05A475MKP5NRNC MICROCHIP-CL05A475MKP5NRNC Datasheet
1Mb / 44P
   Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
Revision A July 2020
logo
Samsung semiconductor
CL05A475MO5NUNC SAMSUNG-CL05A475MO5NUNC Datasheet
1Mb / 36P
   Samsung electro-mechanics
CL05A475MP5NRNC SAMSUNG-CL05A475MP5NRNC Datasheet
169Kb / 2P
   SPECIFICATION
CL05A475MQ5NRNC SAMSUNG-CL05A475MQ5NRNC Datasheet
52Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
More results

Similar Description - CL05A474KQ5NNNC

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
logo
Fuji Electric
PH967C6 FUJI-PH967C6 Datasheet
136Kb / 12P
   SPECIFICATION
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com