Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIC43P300 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # CIC43P300
Description  Chip Bead CIC/CIS Series For High Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIC43P300 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button CIC43P300 Datasheet HTML 2Page - Samsung semiconductor CIC43P300 Datasheet HTML 3Page - Samsung semiconductor CIC43P300 Datasheet HTML 4Page - Samsung semiconductor CIC43P300 Datasheet HTML 5Page - Samsung semiconductor CIC43P300 Datasheet HTML 6Page - Samsung semiconductor CIC43P300 Datasheet HTML 7Page - Samsung semiconductor CIC43P300 Datasheet HTML 8Page - Samsung semiconductor CIC43P300 Datasheet HTML 9Page - Samsung semiconductor CIC43P300 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
32
33
CIC41J400
1M
10M
100M
1G
100
50
0
FREQUENCY(Hz)
Z
R
X
CIC41J800
150
100
1M
10M
100M
1G
50
0
FREQUENCY(Hz)
Z
R
X
CIC41J121
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIC41J221
400
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIC41J301
400
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIC41J471
400
200
600
1M
10M
100M
1G
0
FREQUENCY(Hz)
Z
R
X
CIC41J601
400
800
1M
10M
100M
1G
0
FREQUENCY(Hz)
Z
R
X
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIC 43P 300
CIC 43P 700
CIC 43P 121
CIC 43P 221
CIC 43P 301
CIC 43P 471
CIC 43P 601
CIC 43J 300
CIC 43J 121
CIC 43J 301
CIC 43J 471
CIC 43J 601
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
1.5
±0.2
30
70
120
220
300
470
600(at 50MHz)
30
120
300
470
600
0.03
0.03
0.03
0.05
0.05
0.05
0.05
0.02
0.03
0.04
0.04
0.04
3000
3000
3000
2000
2000
2000
3000
3000
3000
3000
3000
3000
CIC 4532(1812) Type


Similar Description - CIC43P300

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
   Chip Ferrite Bead for High Current
logo
ABC Taiwan Electronics ...
MB4532 ABC-MB4532 Datasheet
219Kb / 6P
   HIGH CURRENT MULTILAYER CHIP BEAD
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com