Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10B474KO8NNNC Datasheet(PDF) 5 Page - Samsung semiconductor

Part # CL10B474KO8NNNC
Description  General Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10B474KO8NNNC Datasheet(HTML) 5 Page - Samsung semiconductor

  CL10B474KO8NNNC Datasheet HTML 1Page - Samsung semiconductor CL10B474KO8NNNC Datasheet HTML 2Page - Samsung semiconductor CL10B474KO8NNNC Datasheet HTML 3Page - Samsung semiconductor CL10B474KO8NNNC Datasheet HTML 4Page - Samsung semiconductor CL10B474KO8NNNC Datasheet HTML 5Page - Samsung semiconductor CL10B474KO8NNNC Datasheet HTML 6Page - Samsung semiconductor CL10B474KO8NNNC Datasheet HTML 7Page - Samsung semiconductor CL10B474KO8NNNC Datasheet HTML 8Page - Samsung semiconductor CL10B474KO8NNNC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Code
Description of the code
N
Reserved for future use
Code
Packaging Type
Code
Packaging Type
B
Bulk
F
Embossing 13" (10,000EA)
P
Bulk Case
L
Paper 13" (15,000EA)
C
Paper 7"
O
Paper 10"
D
Paper 13" (10,000EA)
S
Embossing 10"
E
Embossing 7"
RESERVED FOR FUTURE USE
10
6
PACKAGING TYPE
11
APPEARANCE AND DIMENSION
L
BW
T
W
CODE
EIA CODE
DIMENSION ( mm )
L
W
T(MAX)
BW
03
0201
0.6 ± 0.03
0.3 ± 0.03
0.33
0.15 ± 0.05
05
0402
1.0 ± 0.05
0.5 ± 0.05
0.55
0.2 +0.15/-0.1
10
0603
1.6 ± 0.1
0.8 ± 0.1
0.9
0.3 ± 0.2
21
0805
2.0 ± 0.1
1.25 ± 0.1
1.35
0.5 +0.2/-0.3
31
1206
3.2 ± 0.15
1.6 ± 0.15
1.40
0.5 +0.2/-0.3
3.2 ± 0.2
1.6 ± 0.2
1.8
0.5 +0.3/-0.3
32
1210
3.2 ± 0.3
2.5 ± 0.2
2.7
0.6 ± 0.3
3.2 ± 0.4
2.5 ± 0.3
2.8
43
1812
4.5 ± 0.4
3.2 ± 0.3
3.5
0.8 ± 0.3
55
2220
5.7 ± 0.4
5.0 ± 0.4
3.5
1.0 ± 0.3


Similar Part No. - CL10B474KO8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B471KB8NNN SAMSUNG-CL10B471KB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL10B472KA8NNN SAMSUNG-CL10B472KA8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL10B472KB8NNN SAMSUNG-CL10B472KB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL10B473KA8NNN SAMSUNG-CL10B473KA8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
CL10B473KA8NNNC SAMSUNG-CL10B473KA8NNNC Datasheet
51Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
More results

Similar Description - CL10B474KO8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B475KAHNNNE SAMSUNG-CL31B475KAHNNNE Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL05B104KQ5NNNC SAMSUNG-CL05B104KQ5NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL10C080DB8NNNC SAMSUNG-CL10C080DB8NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL10C470JB8NNNC SAMSUNG-CL10C470JB8NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Panasonic Semiconductor
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H060D PANASONIC-ECJ-1VC1H060D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H030C PANASONIC-ECJ-2VC1H030C Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EB1A104K PANASONIC-ECJ-0EB1A104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VF1H104Z PANASONIC-ECJ-2VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com