Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL10C470JB8NNNC Datasheet(PDF) 6 Page - Samsung semiconductor

Part # CL10C470JB8NNNC
Description  General Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10C470JB8NNNC Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button CL10C470JB8NNNC Datasheet HTML 2Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 3Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 4Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 5Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 6Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 7Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 8Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 9Page - Samsung semiconductor CL10C470JB8NNNC Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NO
ITEM
PERFORMA NCE
TEST CONDIT ION
1
App ea rance
No Abnormal Exte rior Appeara n ce
Th ro ugh Micr o sco pe(×10)
2
In su la tio n
Re sista n ce
10,0 0 0㏁ or 50 0 ㏁·㎌ wh ich e ve r is sma lle r
Ra te d Vo lta ge is b e lo w 1 6V ;
10,0 0 0㏁ or 10 0 ㏁·㎌ wh ich e ve r is sma lle r
Apply the Ra te d Volta ge Fo r 6 0 ~ 12 0 Sec.
3
W ith standing
Voltage
No Die le ctric Bre a kd o wn o r
Me chanica l Breakd o wn
Clas sⅠ : 300 % of the R ated Voltage for 1~ 5 s ec .
Clas sⅡ :2 50% of the R ated Voltage for 1~5 s ec . is applied
with les s than 5 0㎃ c urrent
4
Capacita
nce
Cla ss
W ith in th e sp e cifie d to le ra n ce
Ca pacita nce
Fre quency
Voltage
≤ 1,000㎊
1㎒ ±1 0%
0.5 ~ 5 Vrms
>1 ,0 00 ㎊
1㎑ ±1 0%
Cla ss
W ith in th e specifie d to lerance
Ca pacita nce
Fre quency
Voltage
≤ 10㎌
1㎑ ±1 0%
1 .0± 0 .2 Vrms
>1 0 ㎌
120 ㎐± 20%
0.5± 0 .1Vrms
5Q
Cla ss
Ca pacita nce ≥ 30㎊ :Q ≥ 1,000
<3 0㎊ :Q ≥ 40 0 +20 C
( C : Capacitance )
Ca pacita nce
Fre quency
Voltage
≤ 1,000㎊
1㎒ ±1 0%
0.5 ~ 5 Vrms
>1 ,0 00 ㎊
1㎑ ±1 0%
6Ta n δ
Cla ss
1. Characteristic : A(X5R), B(X7R), X(X6S)
2. Characteristic : F(Y5V)
Ca pacita nce
Fre quency
Voltage
≤ 10㎌
1㎑ ±1 0%
1 .0± 0 .2 Vrms
>1 0 ㎌
120 ㎐± 20%
0.5± 0 .1Vrms
R ated Voltage
Spec
≥ 25V
0.025 max
16V
0.035 max
10V
0.05 max
6.3V
0.05 max/ 0.10max*
1
R ated Voltage
Spec
50V
0.05 max, 0.07max*
2
35V
0.07 max
25V
0.05 max/
0.07 max*
3/ 0.09max*4
16V
0.09 max/ 0.125max*
5
10V
0.125 max/ 0.16max*
6
6.3V
0.16max
*3 . 04 0 2 C≥ 0.0 3 3u F, 06 03 C>0 .1uF
All 0805, 1206 size , 121 0 C ≤ 6.8uF
*4 .. 12 10 C>6.8u F
*5 .. 04 0 2 C≥0.22u F
*6 .. All 1812 size
*2 .. 0603 C≥0.47uF, 0 805 C≥1u F
*1 . 0201 C≥ 0.022uF, 0 402 C ≥0.22uF, 0 603 C ≥2.2u F,
0805 C ≥4.7 u F, 1206 C≥10uF, 1210 C≥ 22 u F,
1812 C ≥47uF, 22 20 C≥100 uF,
All Low Profile Ca p a cito rs (P.1 6).
RELIABILTY TEST CONDITION


Similar Part No. - CL10C470JB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10C470JB8NNN SAMSUNG-CL10C470JB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
More results

Similar Description - CL10C470JB8NNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B474KO8NNNC SAMSUNG-CL10B474KO8NNNC Datasheet
375Kb / 21P
   General Multilayer Ceramic Capacitors
CL31B475KAHNNNE SAMSUNG-CL31B475KAHNNNE Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL05B104KQ5NNNC SAMSUNG-CL05B104KQ5NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL10C080DB8NNNC SAMSUNG-CL10C080DB8NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Panasonic Semiconductor
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H060D PANASONIC-ECJ-1VC1H060D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H030C PANASONIC-ECJ-2VC1H030C Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EB1A104K PANASONIC-ECJ-0EB1A104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VF1H104Z PANASONIC-ECJ-2VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com