Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHPREZTR Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CHPREZTR
Description  Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHPREZTR Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CHPREZTR_14 Datasheet HTML 1Page - Bourns Electronic Solutions CHPREZTR_14 Datasheet HTML 2Page - Bourns Electronic Solutions CHPREZTR_14 Datasheet HTML 3Page - Bourns Electronic Solutions CHPREZTR_14 Datasheet HTML 4Page - Bourns Electronic Solutions CHPREZTR_14 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
100
80
60
40
20
0
-55
0
70
125
(°C) Ambient temperature
Features
RoHS compliant*
Power rating at 70 °C: CR0603 - 0.10 W,
CR0805 - 0.125 W, CR1206 - 0.25 W
Tight tolerances of bottom electrode
width
Suitable for all types of soldering processes
Three layer contacting process with
nickel barrier prevents leaching and
provides excellent solderability
Paper tape on reel for automatic
placement
Optional resistor available designed for
greater withstand in sulfurous
environments
CR0603/CR0805/CR1206 - Chip Resistors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance in their
specific applications.
Electrical Characteristics
DIMENSIONS:
MM
(INCHES)
Characteristic
Model
Model
Model
CR0603
CR0805
CR1206
Power Rating @ 70 °C
1/10 W
1/8 W
1/4 W
Operating Temperature Range
-55 °C to +155 °C
Derated to 0 Load at
+155 °C
Maximum Working Voltage
50 V
150 V
200 V
Maximum Overload Voltage
100 V
300 V
400 V
10 ohms ≤ R ≤ 1M ohms
±100 PPM/°C
Resistance Range: 1 %
E-96 + E-24
1M ohms ≤ R ≤ 10M ohms
±200 PPM/°C
10 ohms ≤ R ≤ 10M ohms
±200 PPM/°C
Resistance Range: 5 %
E-24
1 ohm ≤ R ≤ 10 ohms
10M ohms < R ≤ 20 M ohms
±400 PPM/°C
Zero Ohm Jumper <0.005 ohm
Rated / Maximum Current
1 A / 2.5 A
1 A / 2.5 A
2 A / 5 A
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
Chip Dimensions
Model
Model
Model
Dimension
CR0603
CR0805
CR1206
L
1.60±0.10
2.00±0.15
3.20±0.25
(0.063±0.004)
(0.079±0.006)
(0.126±0.010)
W
0.80±0.10
1.25±0.15
1.60±0.15
(0.031±0.004)
(0.049±0.006)
(0.063±0.006)
H
0.45±0.10
0.50±0.10
0.60±0.15
(0.018±0.004)
(0.020±0.004)
(0.024±0.006)
I1
0.30±0.20
0.40±0.20
0.50±0.25
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
I2
0.30±0.20
0.40±0.20
0.50±0.20
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
Derating Curve
Characteristic Data
3.0
2.0
1.0
0
10
100 1K
10K 100K 1M
Load Life 1000 Hrs.
ΔR/R
(%)
3.0
2.0
1.0
0
10
100 1K
10K 100K 1M
Moisture Load Life 1000 Hrs.
ΔR/R
(%)
Resistance Value (
Ω)
Resistance Value (
Ω)
1.0
0.5
0
-0.5
10
100 1K
10K 100K 1M
Short Time Overload
ΔR/R
(%)
Resistance Value (
Ω)
Characteristic Data
L
H
I
2
I
2
W
I
1
I
1


Similar Part No. - CHPREZTR_14

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHPREZTR BOURNS-CHPREZTR Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results

Similar Description - CHPREZTR_14

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
CRL0603 BOURNS-CRL0603 Datasheet
124Kb / 1P
   Chip Resistors
CR2010 BOURNS-CR2010_08 Datasheet
230Kb / 2P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
287Kb / 2P
   Chip Resistors
CR0201-LF BOURNS-CR0201-LF Datasheet
294Kb / 2P
   Chip Resistors
CR1206-FX-3301ELF BOURNS-CR1206-FX-3301ELF Datasheet
218Kb / 5P
   Chip Resistors
CRL2010 BOURNS-CRL2010 Datasheet
124Kb / 1P
   Chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com