Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIH05T2N7S Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CIH05T2N7S
Description  Chip Inductor CIH Series High Frequency Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIH05T2N7S Datasheet(HTML) 2 Page - Samsung semiconductor

  CIH05T2N7S Datasheet HTML 1Page - Samsung semiconductor CIH05T2N7S Datasheet HTML 2Page - Samsung semiconductor CIH05T2N7S Datasheet HTML 3Page - Samsung semiconductor CIH05T2N7S Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
44
45
Part No.
Inductance
(nH)
Q (typical)
Frequency
500MHz
DC
resistance
(
Ω)
Rated
current
(mA)
Max.
SRF-
Resonant
Frequency
(MHz)
CIH 03T 1N0
CIH 03T 1N2
CIH 03T 1N5
CIH 03T 1N8
CIH 03T 2N2
CIH 03T 2N7
CIH 03T 3N3
CIH 03T 3N9
CIH 03T 4N7
CIH 03T 5N6
CIH 03T 6N8
CIH 03T 8N2
CIH 03T 10N
CIH 03T 12N
CIH 03T 15N
CIH 03T 18N
CIH 03T 22N
CIH 03T 27N
CIH 03T 33N
CIH 03T 39N
CIH 03T 47N
CIH 03T 56N
1.0
±0.2nH,
0.3nH
1.2
±0.2nH,
0.3nH
1.5
±0.2nH,
0.3nH
1.8
±0.2nH,
0.3nH
2.2
±0.2nH,
0.3nH
2.7
±0.2nH,
0.3nH
3.3
±0.2nH,
0.3nH
3.9
±0.2nH,
0.3nH
4.7
±0.2nH,
0.3nH
5.6
±0.2nH,
0.3nH
6.8
±5%
8.2
±5%
10.0
±5%
12.0
±5%
15.0
±5%
18.0
±5%
22.0
±5%
27.0
±5%
33.0
±5%
39.0
±5%
47.0
±5%
56.0
±5%
4
4
4
4
4
5
5
5
5
5
5.5
5
5
6
6
6
5
4
4
4
4
4
17
16
15
15
15
15
15
15
15
15
14
14
14
14
13
13
13
12
12
12
11
11
13000
10000
10000
10000
8800
7700
6700
6000
5300
4600
4100
3400
3300
3000
2700
2100
1800
1800
1700
1500
1300
1100
0.14
0.14
0.18
0.19
0.22
0.25
0.30
0.30
0.40
0.40
0.48
0.55
0.63
0.70
0.80
0.90
1.2
1.8
2.1
2.4
2.8
3.0
300
250
230
200
200
200
200
200
200
200
150
150
150
150
100
100
100
50
50
50
50
50
800MHz
20
20
20
20
20
20
20
20
19
19
18
18
17
17
16
17
15
14
14
13
12
11
1.8GHz
28
28
27
27
26
26
26
27
26
26
23
22
22
21
19
16
14
10
8
4
2
-
2.0GHz
30
30
29
29
28
28
28
29
28
27
24
23
22
21
18
14
11
7
5
1
-
-
2.4GHz
min
max
33
33
32
31
30
30
30
31
30
28
25
23
21
19
14
9
5
2
1
-
-
-
CIH 0603(0201) Type
Q
(Min.)
100 MHz
: Tolerance (C : ±0.2nH, S : ±0.3nH, J:±5%)
Test equipment : Agilent E4991A+16196C


Similar Part No. - CIH05T2N7S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH05T2N7S SAMSUNG-CIH05T2N7S Datasheet
204Kb / 3P
   Multilayer High Frequency inductor
CIH05T2N7S SAMSUNG-CIH05T2N7S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH05T2N7S SAMSUNG-CIH05T2N7S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH05T2N7S SAMSUNG-CIH05T2N7S Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
More results

Similar Description - CIH05T2N7S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH10T22NJNC SAMSUNG-CIH10T22NJNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH10T82NJNC SAMSUNG-CIH10T82NJNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH05T6N8JNC SAMSUNG-CIH05T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
CIH10T6N8JNC SAMSUNG-CIH10T6N8JNC Datasheet
753Kb / 4P
   Chip Inductor; CIH Series
CIH05TR10JNC SAMSUNG-CIH05TR10JNC Datasheet
753Kb / 4P
   Chip Inductor; CIH Series
logo
TAI-TECH Advanced Elect...
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC63I TAI-TECH-SWC63I Datasheet
87Kb / 2P
   High Frequency Winding Type Chip Inductor
SWI0805F TAI-TECH-SWI0805F Datasheet
164Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC85I TAI-TECH-SWC85I Datasheet
82Kb / 2P
   High Frequency Winding Type Chip Inductor
SWC108I TAI-TECH-SWC108I Datasheet
81Kb / 2P
   High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com