Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIL10S220M Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CIL10S220M
Description  Chip Inductor CIL Series General Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIL10S220M Datasheet(HTML) 2 Page - Samsung semiconductor

  CIL10S220M Datasheet HTML 1Page - Samsung semiconductor CIL10S220M Datasheet HTML 2Page - Samsung semiconductor CIL10S220M Datasheet HTML 3Page - Samsung semiconductor CIL10S220M Datasheet HTML 4Page - Samsung semiconductor CIL10S220M Datasheet HTML 5Page - Samsung semiconductor CIL10S220M Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
38
39
Part No.
Thickness
(mm)
Inductance
(
μH)
Q
Min.
DC
resistance
(
Ω) Max.
Rated
current
(mA) Max.
L, Q test
frequency
(MHZ)
SRF
(MHZ)
Min.
CIL 10N 47N
CIL 10N 56N
CIL 10N 68N
CIL 10N 82N
CIL 10N R10
CIL 10N R12
CIL 10N R15
CIL 10N R18
CIL 10N R22
CIL 10N R27
CIL 10N R33
CIL 10N R39
CIL 10N R47
CIL 10N R56
CIL 10N R68
CIL 10N R82
CIL 10J 1R0
CIL 10J 1R2
CIL 10J 1R5
CIL 10J 1R8
CIL 10J 2R2
CIL 10J 2R7
CIL 10J 3R3
CIL 10J 3R9
CIL 10J 4R7
CIL 10Y 5R6
CIL 10Y 6R8
CIL 10Y 8R2
CIL 10Y 100
CIL 10Y 120
CIL 10S 150
CIL 10S 180
CIL 10S 220
CIL 10S 270
CIL 10S 330
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.047
±20%, 10%
0.056
±20%, 10%
0.068
±20%, 10%
0.082
±20%, 10%
0.10
±20%, 10%
0.12
±20%, 10%
0.15
±20%, 10%
0.18
±20%, 10%
0.22
±20%, 10%
0.27
±20%, 10%
0.33
±20%, 10%
0.39
±20%, 10%
0.47
±20%, 10%
0.56
±20%, 10%
0.68
±20%, 10%
0.82
±20%, 10%
1.0
±20%, 10%
1.2
±20%, 10%
1.5
±20%, 10%
1.8
±20%, 10%
2.2
±20%, 10%
2.7
±20%, 10%
3.3
±20%, 10%
3.9
±20%, 10%
4.7
±20%, 10%
5.6
±20%, 10%
6.8
±20%, 10%
8.2
±20%, 10%
10.0
±20%, 10%
12.0
±20%, 10%
15.0
±20%, 10%
18.0
±20%, 10%
22.0
±20%, 10%
27.0
±20%, 10%
33.0
±20%, 10%
10
10
10
10
15
15
15
15
15
15
15
15
15
15
15
15
35
35
35
35
35
35
35
35
35
35
35
35
35
35
20
20
20
20
20
50
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
4
4
4
2
2
1
1
1
1
0.4
260
260
250
245
240
205
180
165
150
136
125
110
105
95
80
75
70
60
55
50
45
40
38
36
33
22
20
18
17
15
14
13
11
10
9
0.30
0.30
0.30
0.30
0.50
0.50
0.60
0.60
0.80
0.80
0.85
1.00
1.35
1.55
1.70
2.10
0.60
0.80
0.80
0.95
1.15
1.35
1.55
1.70
2.10
1.55
1.70
2.10
2.55
2.75
1.70
1.85
2.10
2.75
2.95
50
50
50
50
50
50
50
50
50
50
35
35
35
35
35
35
25
25
25
25
15
15
15
15
15
5
5
5
5
5
1
1
1
1
1
: Tolerance (K : ±10%, M : ±20%)
Test equipment : Agilent 4291B+16193A
Part No.
Thickness
(mm)
Inductance
(
μH)
Q
Min.
DC
resistance
(
Ω) Max.
Rated
current
(mA) Max.
L, Q test
frequency
(MHZ)
SRF
(MHZ)
Min.
CIL 05J 2R2
0.5
±0.05
2.2
±20%, 10%
20
10
40
1.70
10
CIL 1608(0603) Type
CIL 1005(0402) Type


Similar Part No. - CIL10S220M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL10S220M SAMSUNG-CIL10S220M Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
More results

Similar Description - CIL10S220M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL21NR56KNE SAMSUNG-CIL21NR56KNE Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
CIL21J1R0KNE SAMSUNG-CIL21J1R0KNE Datasheet
793Kb / 6P
   Chip Inductor; CIL Series
logo
Murata Manufacturing Co...
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH43MN1R0M03L MURATA-LQH43MN1R0M03L Datasheet
70Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com