Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL31A106KOCLNNC Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CL31A106KOCLNNC
Description  Multi Layer Ceramic Capacitor (MLCC)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31A106KOCLNNC Datasheet(HTML) 1 Page - Samsung semiconductor

  CL31A106KOCLNNC Datasheet HTML 1Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. Model : CL31A106KOCLNNC
2. Description
Part no.
Size
(inch(mm))
Thickness
(mm)
Temperature
charateristics
Capacitance
value
Capacitance
tolerance(%)
Voltage
(V)
CL31A106KOCLNNC
1206/3216
0.85mm
X5R
10uF
± 10 %
16
3. Characteristics data
1) Frequency characteristics
2) Temperature characteristics of capacitance(TCC)
Agilent E4294A, 0.5Vrms, 1kHz to 100MHz
Agilent 4284A, 1kHz, 1Vrms
3) DC Bias characteristics (Agilent 4284A, 1kHz, 1Vrms)
4) Bias TCC characteristics (Agilent 4284A, 1kHz, 1Vrms, 8Vdc)
5) AC voltage characteristics (Agilent 4284A, 1kHz)
6) Ripple Current
Any data in this sheet are subject to change, modify or discontinue without notice.
The data sheets include the typical data for design reference only. If there is any question
regarding the data sheets, please contact our sales personnel or application engineers.
Multi Layer Ceramic Capacitor (MLCC)
-100
-80
-60
-40
-20
0
20
-55
-35
-15
5
25
45
65
85
Temperature (°C)
-100
-80
-60
-40
-20
0
20
-55
-35
-15
5
25
45
65
85
Temperature (℃)
Impedance |Z|, ESR
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Frequency [MHz]
|Z|
ESR
-40
-30
-20
-10
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
AC Voltage (Vrms)
-100
-80
-60
-40
-20
0
20
02
46
8
10
12
14
16
DC Voltage (V)
1
10
100
01
23
45
67
Ripple Current (Arms)
10kHz
100kHz
500kHz
1000kHz


Similar Part No. - CL31A106KOCLNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31A106KACLNNC SAMSUNG-CL31A106KACLNNC Datasheet
82Kb / 2P
   SPECIFICATION
CL31A106KAHNNNE SAMSUNG-CL31A106KAHNNNE Datasheet
139Kb / 2P
   SPECIFICATION
CL31A106KB SAMSUNG-CL31A106KB Datasheet
139Kb / 2P
   Samsung electro-mechanics
CL31A106KBHNNNE SAMSUNG-CL31A106KBHNNNE Datasheet
139Kb / 2P
   Samsung electro-mechanics
logo
NXP Semiconductors
CL31A106KBHNNNE NXP-CL31A106KBHNNNE Datasheet
429Kb / 16P
   Power Amplifier Module for LTE and 5G
Rev. 0, 04/2021
More results

Similar Description - CL31A106KOCLNNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B225KOHNNNE SAMSUNG-CL31B225KOHNNNE Datasheet
84Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL10B104KB8NNNC SAMSUNG-CL10B104KB8NNNC Datasheet
152Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL31B472KBCNNNC SAMSUNG-CL31B472KBCNNNC Datasheet
79Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL10A105KO8NNNC SAMSUNG-CL10A105KO8NNNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL31A476MPHNNNE SAMSUNG-CL31A476MPHNNNE Datasheet
192Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL21A106KAYNNNE SAMSUNG-CL21A106KAYNNNE Datasheet
236Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL10A106KP8NNNC SAMSUNG-CL10A106KP8NNNC Datasheet
99Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL05B103KB5NNNC SAMSUNG-CL05B103KB5NNNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL21B683KBCNNNC SAMSUNG-CL21B683KBCNNNC Datasheet
78Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL10B332KB8 SAMSUNG-CL10B332KB8 Datasheet
78Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
CL05A475MQ5NRNC SAMSUNG-CL05A475MQ5NRNC Datasheet
52Kb / 1P
   Multi Layer Ceramic Capacitor (MLCC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com