Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL31B475KAHNNNE Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CL31B475KAHNNNE
Description  General Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31B475KAHNNNE Datasheet(HTML) 2 Page - Samsung semiconductor

  CL31B475KAHNNNE Datasheet HTML 1Page - Samsung semiconductor CL31B475KAHNNNE Datasheet HTML 2Page - Samsung semiconductor CL31B475KAHNNNE Datasheet HTML 3Page - Samsung semiconductor CL31B475KAHNNNE Datasheet HTML 4Page - Samsung semiconductor CL31B475KAHNNNE Datasheet HTML 5Page - Samsung semiconductor CL31B475KAHNNNE Datasheet HTML 6Page - Samsung semiconductor CL31B475KAHNNNE Datasheet HTML 7Page - Samsung semiconductor CL31B475KAHNNNE Datasheet HTML 8Page - Samsung semiconductor CL31B475KAHNNNE Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Code
Temperature Characteristics
Temperature
Range
C
Class Ⅰ
COG
C△
0±30(ppm/ ℃)
-55 ~ +125℃
P
P2H
P△
-150±60
R
R2H
R△
-220±60
S
S2H
S△
-330±60
T
T2H
T△
-470±60
U
U2J
U△
-750±60
L
S2L
S△
+350 ~ -1000
A
Class Ⅱ
X5R
X5R
±15%
-55 ~ +85℃
B
X7R
X7R
±15%
-55 ~ +125℃
X
X6S
X6S
±22%
-55 ~ +105℃
F
Y5V
Y5V
+22 ~ -82%
-30 ~ +85℃
Temperature
Characteristics
Below 2.0pF
2.2 ~ 3.9pF
Above 4.0pF
Above 10pF
C0G
C0G
C0G
C0G
-
P2J
P2H
P2H
-
R2J
R2H
R2H
-
S2J
S2H
S2H
-
T2J
T2H
T2H
-
U2J
U2J
U2J
※ Temperature Characteristic
J : ±120PPM/℃, H : ±60PPM/℃, G : ±30PPM/℃
CAPACITANCE TEMPERATURE CHARACTERISTIC
3
Nominal capacitance is identified by 3 digits.
The first and second digits identify the first and second significant figures of the capacitance.
The third digit identifies the multiplier. 'R' identifies a decimal point.
Code
Nominal Capacitance
1R5
1.5pF
103
10,000pF, 10nF, 0.01μF
104
100,000pF, 100nF, 0.1μF
NOMINAL CAPACITANCE
4
● Example


Similar Part No. - CL31B475KAHNNNE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B475KOHNNNE SAMSUNG-CL31B475KOHNNNE Datasheet
131Kb / 2P
   CAP, 4.7?? 16V, 짹10%, X7R, 1206
More results

Similar Description - CL31B475KAHNNNE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10B474KO8NNNC SAMSUNG-CL10B474KO8NNNC Datasheet
375Kb / 21P
   General Multilayer Ceramic Capacitors
CL05B104KQ5NNNC SAMSUNG-CL05B104KQ5NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL10C080DB8NNNC SAMSUNG-CL10C080DB8NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
CL10C470JB8NNNC SAMSUNG-CL10C470JB8NNNC Datasheet
370Kb / 21P
   General Multilayer Ceramic Capacitors
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Panasonic Semiconductor
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H060D PANASONIC-ECJ-1VC1H060D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H030C PANASONIC-ECJ-2VC1H030C Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EB1A104K PANASONIC-ECJ-0EB1A104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VF1H104Z PANASONIC-ECJ-2VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com