Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD845JR-16 Datasheet(PDF) 3 Page - Analog Devices

Part # AD845JR-16
Description  Precision, 16 MHz CBFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD845JR-16 Datasheet(HTML) 3 Page - Analog Devices

  AD845JR-16 Datasheet HTML 1Page - Analog Devices AD845JR-16 Datasheet HTML 2Page - Analog Devices AD845JR-16 Datasheet HTML 3Page - Analog Devices AD845JR-16 Datasheet HTML 4Page - Analog Devices AD845JR-16 Datasheet HTML 5Page - Analog Devices AD845JR-16 Datasheet HTML 6Page - Analog Devices AD845JR-16 Datasheet HTML 7Page - Analog Devices AD845JR-16 Datasheet HTML 8Page - Analog Devices AD845JR-16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD845
REV. E
–3–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
1
AD845JN
0
∞C to 70∞C
8-Lead PDIP
N-8
AD845KN
0
∞C to 70∞C
8-Lead PDIP
N-8
AD845JR-16
0
∞C to 70∞C
16-Lead SOIC
R-16
AD845JR-16-REEL
0
∞C to 70∞CTape and Reel
R-16
AD845JR-16-REEL7
0
∞C to 70∞CTape and Reel
R-16
AD845AQ
–40
∞C to +85∞C
8-Lead CERDIP
Q-8
AD845BQ
–40
∞C to +85∞C
8-Lead CERDIP
Q-8
AD845SQ
–55
∞C to +125∞C
8-Lead CERDIP
Q-8
AD845SQ/883B
–55
∞C to +125∞C
8-Lead CERDIP
Q-8
5962-8964501PA
2
–55
∞C to +125∞C
8-Lead CERDIP
Q-8
AD845JCHIPS
0
∞C to 70∞CDie
NOTES
1N = Plastic DIP; Q = CERDIP; R = Small Outline IC (SOIC).
2See military data sheet.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic Mini-DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.6 W
CERDIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.4 W
16-Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5 W
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range
Q . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–65
∞C to +150∞C
N, R . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–65
∞C to +125∞C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only, and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Mini-DIP package:
qJA = 100∞C/W; CERDIP package: qJA = 110∞C/W; SOIC
package:
qJA = 100∞C/W.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
SUBSTRATE CONNECTED TO +V
S


Similar Part No. - AD845JR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845JR-16 AD-AD845JR-16 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845JR-16 AD-AD845JR-16 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JR-16 AD-AD845JR-16 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845JR-16-REEL AD-AD845JR-16-REEL Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845JR-16-REEL AD-AD845JR-16-REEL Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
More results

Similar Description - AD845JR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845 AD-AD845_17 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845 AD-AD845 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD843 AD-AD843 Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_17 Datasheet
485Kb / 13P
   34 MHz, CBFET Fast Settling Op Amp
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843SQ AD-AD843SQ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com