Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD845BQ Datasheet(PDF) 1 Page - Analog Devices

Part # AD845BQ
Description  Precision, 16 MHz CBFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD845BQ Datasheet(HTML) 1 Page - Analog Devices

  AD845BQ Datasheet HTML 1Page - Analog Devices AD845BQ Datasheet HTML 2Page - Analog Devices AD845BQ Datasheet HTML 3Page - Analog Devices AD845BQ Datasheet HTML 4Page - Analog Devices AD845BQ Datasheet HTML 5Page - Analog Devices AD845BQ Datasheet HTML 6Page - Analog Devices AD845BQ Datasheet HTML 7Page - Analog Devices AD845BQ Datasheet HTML 8Page - Analog Devices AD845BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
Precision, 16 MHz
CBFET Op Amp
AD845
CONNECTION DIAGRAMS
FEATURES
Replaces Hybrid Amplifiers in Many Applications
AC PERFORMANCE:
Settles to 0.01% in 350 ns
100 V/ s Slew Rate
12.8 MHz Min Unity Gain Bandwidth
1.75 MHz Full Power Bandwidth at 20 V p-p
DC PERFORMANCE:
0.25 mV Max Input Offset Voltage
5
V/ C Max Offset Voltage Drift
0.5 nA Input Bias Current
250 V/mV Min Open-Loop Gain
4
V p-p Max Voltage Noise, 0.1 Hz to 10 Hz
94 dB Min CMRR
Available in Plastic Mini-DIP, Hermetic CERDIP, and
SOIC Packages. Also Available in Tape and Reel in
Accordance with EIA-481A Standard
GENERAL DESCRIPTION
The AD845 is a fast, precise, N channel JFET input, monolithic
operational amplifier. It is fabricated using Analog Devices’
complementary bipolar (CB) process. Advanced laser-wafer
trimming technology enables the very low input offset voltage
and offset voltage drift performance to be realized. This preci-
sion, when coupled with a slew rate of 100 V/
ms, a stable unity
gain bandwidth of 16 MHz, and a settling time of 350 ns to
0.01%—while driving a parallel load of 100 pF and 500
W—
represents a combination of features unmatched by any FET
input IC amplifier. The AD845 can easily be used to upgrade
many existing designs that use BiFET or FET input hybrid
amplifiers and, in some cases, those which use bipolar input
op amps.
The AD845 is ideal for use in applications such as active filters,
high speed integrators, photodiode preamps, sample-and-hold
amplifiers, and log amplifiers, and for buffering A/D and D/A
converters. The 250
mV max input offset voltage makes offset
nulling unnecessary in many applications. The common-mode
rejection ratio of 110 dB over a
±10 V input voltage range
represents exceptional performance for a JFET input high
speed op amp. This, together with a minimum open-loop
gain of 250 V/mV ensures that 12-bit performance is achieved,
even in unity gain buffer circuits.
The AD845 conforms to the standard op amp pinout except
that offset nulling is to V+. The AD845J and AD845K grade
devices are available specified to operate over the commercial
0
∞C to 70∞C temperature range. AD845A and AD845B
devices are specified for operation over the –40
∞C to +85∞C
industrial temperature range. The AD845S is specified to oper-
ate over the full military temperature range of –55
∞C to +125∞C.
Both the industrial and military versions are available in 8-lead
CERDIP packages. The commercial version is available in an
8-lead plastic mini-DIP and 16-lead SOIC; J and S grade chips
are also available.
PRODUCT HIGHLIGHTS
1. The high slew rate, fast settling time, and dc precision of the
AD845 make it ideal for high speed applications requiring
12-bit accuracy.
2. The performance of circuits using the LF400, HA2520,
HA2522, HA2525, HA2620, HA2622, HA2625, 3550,
OPA605, and LH0062 can be upgraded in most cases.
3. The AD845 is unity gain stable and internally compensated.
4. The AD845 is specified while driving 100 pF/500
W loads.
Plastic Mini-DIP (N) Package
and CERDIP (Q) Package
16-Lead SOIC
(R-16) Package
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD845BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845BQ AD-AD845BQ Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845BQ AD-AD845BQ Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845BQ AD-AD845BQ Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
More results

Similar Description - AD845BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845 AD-AD845_17 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845 AD-AD845 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD843 AD-AD843 Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_17 Datasheet
485Kb / 13P
   34 MHz, CBFET Fast Settling Op Amp
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843SQ AD-AD843SQ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com