Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8964501PA2 Datasheet(PDF) 4 Page - Analog Devices

Part # 5962-8964501PA2
Description  Precision, 16 MHz CBFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-8964501PA2 Datasheet(HTML) 4 Page - Analog Devices

  5962-8964501PA2 Datasheet HTML 1Page - Analog Devices 5962-8964501PA2 Datasheet HTML 2Page - Analog Devices 5962-8964501PA2 Datasheet HTML 3Page - Analog Devices 5962-8964501PA2 Datasheet HTML 4Page - Analog Devices 5962-8964501PA2 Datasheet HTML 5Page - Analog Devices 5962-8964501PA2 Datasheet HTML 6Page - Analog Devices 5962-8964501PA2 Datasheet HTML 7Page - Analog Devices 5962-8964501PA2 Datasheet HTML 8Page - Analog Devices 5962-8964501PA2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPC 1. Input Voltage Swing
vs. Supply Voltage
TPC 4. Quiescent Current vs.
Supply Voltage
TPC 7. Input Bias Current vs.
Common-Mode Voltage
AD845–Typical Performance Characteristics
REV. E
–4–
TPC 2. Output Voltage Swing
vs. Supply Voltage
TPC 5. Input Bias Current vs.
Temperature
TPC 8. Short-Circuit Current
Limit vs. Temperature
TPC 3. Output Voltage Swing
vs. Resistive Load
TPC 6. Magnitude of Output
Impedance vs. Frequency
TPC 9. Unity-Gain Bandwidth
vs. Temperature


Similar Part No. - 5962-8964501PA2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8964501PA2 AD-5962-8964501PA2 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
More results

Similar Description - 5962-8964501PA2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD845 AD-AD845_17 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845 AD-AD845 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD843 AD-AD843 Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_17 Datasheet
485Kb / 13P
   34 MHz, CBFET Fast Settling Op Amp
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843SQ AD-AD843SQ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com