Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZTA64T1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # PZTA64T1
Description  PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZTA64T1 Datasheet(HTML) 1 Page - Motorola, Inc

  PZTA64T1 Datasheet HTML 1Page - Motorola, Inc PZTA64T1 Datasheet HTML 2Page - Motorola, Inc PZTA64T1 Datasheet HTML 3Page - Motorola, Inc PZTA64T1 Datasheet HTML 4Page - Motorola, Inc PZTA64T1 Datasheet HTML 5Page - Motorola, Inc PZTA64T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP SmallSignal
Darlington Transistor
This PNP small-signal darlington transistor is designed for use in preamplifiers
input applications or wherever it is necessary to have a high input impedance.
The device is housed in the SOT-223 package which is designed for medium
power surface mount applications.
• High fT: 125 MHz Minimum
• The SOT-223 Package can be soldered using wave or reflow.
• SOT-223 package ensures level mounting, resulting in improved thermal
conduction, and allows visual inspection of soldered joints. The formed
leads absorb thermal stress during soldering eliminating the possibility of
damage to the die.
• Available in 12 mm Tape and Reel
Use PZTA64T1 to order the 7 inch/1000 unit reel.
Use PZTA64T3 to order the 13 inch/4000 unit reel.
• NPN Complement is PZTA14T1
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCES
30
Vdc
Collector-Base Voltage
VCBO
30
Vdc
Emitter-Base Voltage
VEBO
10
Vdc
Total Power Dissipation @ TA = 25°C(1)
PD
1.5
Watts
Collector Current
IC
500
mAdc
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +150
°C
DEVICE MARKING
P2V
THERMAL CHARACTERISTICS
Thermal Resistance from Junction to Ambient (surface mounted)
R
θJA
83.3
°C/W
Maximum Temperature for Soldering Purposes
Time in Solder Bath
TL
260
10
°C
Sec
1. Device mounted on a FR-4 glass epoxy printed circuit board 1.575 in. x 1.575 in. x 0.0625 in.; mounting pad for the collector lead = 0.93 sq. in.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by PZTA64T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
PZTA64T1
SOT-223 PACKAGE
PNP SILICON
DARLINGTON
TRANSISTOR
SURFACE MOUNT
Motorola Preferred Device
CASE 318E-04, STYLE 1
TO-261AA
1
2
3
4
COLLECTOR 2, 4
BASE
1
EMITTER 3
REV 4


Similar Part No. - PZTA64T1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA64 PHILIPS-PZTA64 Datasheet
51Kb / 8P
   PNP Darlington transistor
1997 Jun 20
logo
Siemens Semiconductor G...
PZTA64 SIEMENS-PZTA64 Datasheet
139Kb / 4P
   PNP Silicon Darlington Transistors
logo
Fairchild Semiconductor
PZTA64 FAIRCHILD-PZTA64 Datasheet
46Kb / 3P
   PNP Darlington Transistor
PZTA64 FAIRCHILD-PZTA64 Datasheet
645Kb / 14P
   PNP Darlington Transistor
logo
Jiangsu Changjiang Elec...
PZTA64 JIANGSU-PZTA64 Datasheet
210Kb / 1P
   TRANSISTOR (PNP)
More results

Similar Description - PZTA64T1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXTA62 CENTRAL-CXTA62 Datasheet
69Kb / 2P
   SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77 Datasheet
73Kb / 2P
   SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77_10 Datasheet
532Kb / 2P
   SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CXTA62 CENTRAL-CXTA62 Datasheet
283Kb / 2P
   SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77 Datasheet
526Kb / 2P
   SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CMPTA77 CENTRAL-CMPTA77 Datasheet
321Kb / 2P
   SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CMPTA77 CENTRAL-CMPTA77_10 Datasheet
327Kb / 2P
   SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CMPTA77 CENTRAL-CMPTA77 Datasheet
113Kb / 2P
   SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
KZT127 KEXIN-KZT127 Datasheet
38Kb / 1P
   Surface Mount PNP Silicon Power Darlington Transistor
logo
Transys Electronics
MMBTA63 TRSYS-MMBTA63 Datasheet
132Kb / 1P
   PNP SURFACE MOUNT DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com