Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7810YRZ-REEL7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7810YRZ-REEL7
Description  2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7810YRZ-REEL7 Datasheet(HTML) 2 Page - Analog Devices

  AD7810YRZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7810YRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
REV. B
AD7810–SPECIFICATIONS
Parameter
Y Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 30 kHz, fSAMPLE = 350 kHz
Signal to (Noise + Distortion) Ratio
1
58
dB min
Total Harmonic Distortion
1
–64
dB max
Peak Harmonic or Spurious Noise
–64
dB max
Intermodulation Distortion
2
fa = 48 kHz, fb = 48.5 kHz
2nd Order Terms
–67
dB typ
3rd Order Terms
–67
dB typ
DC ACCURACY
Resolution
10
Bits
Relative Accuracy
1
±1
LSB max
Differential Nonlinearity (DNL)
1
±1
LSB max
Offset Error
1
±2
LSB max
Gain Error
1
±2
LSB max
Minimum Resolution for Which
No Missing Codes Are Guaranteed
10
Bits
ANALOG INPUT
Input Voltage Range
0
V min
VREF
V max
Input Leakage Current2
±1
µA max
Input Capacitance
2
15
pF max
REFERENCE INPUTS2
VREF Input Voltage Range
1.2
V min
VDD
V max
Input Leakage Current
±3
µA max
Input Capacitance
20
pF max
LOGIC INPUTS
2
VINH, Input High Voltage
2.0
V min
VINL, Input Low Voltage
0.4
V max
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
8
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
V min
ISOURCE = 200
µA
Output Low Voltage, VOL
0.4
V max
ISINK = 200
µA
High Impedance Leakage Current
±10
µA max
High Impedance Capacitance
15
pF max
CONVERSION RATE
Conversion Time
2.3
µs max
Track/Hold Acquisition Time1
100
ns max
See DC Acquisition Time Section
POWER SUPPLY
VDD
2.7–5.5
Volts
For Specified Performance
IDD
3.5
mA max
Sampling at 350 kSPS and Logic
Power Dissipation
17.5
mW max
Inputs at VDD or 0 V. VDD = 5 V
Power-Down Mode
IDD
1
µA max
VDD = 5 V; VDD = 3 V
Power Dissipation
5
µW max
Automatic Power Down
1 kSPS Throughput
27
µW max
10 kSPS Throughput
270
µW max
100 kSPS Throughput
2.7
mW max
NOTES
1See Terminology section.
2Sample tested during initial release and after any redesign or process change that may affect this parameter.
Specifications subject to change without notice.
(GND = 0 V, VREF = VDD. All specifications –40 C to +105 C unless otherwise noted.)


Similar Part No. - AD7810YRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810YR AD-AD7810YR Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YR AD-AD7810YR Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7810YRM AD-AD7810YRM Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YRM AD-AD7810YRM Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
More results

Similar Description - AD7810YRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
   2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7823 AD-AD7823 Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7823 AD-AD7823_17 Datasheet
187Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7896 AD-AD7896 Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com