Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7895AN-3 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7895AN-3
Description  5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7895AN-3 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7895AN-3 Datasheet HTML 4Page - Analog Devices AD7895AN-3 Datasheet HTML 5Page - Analog Devices AD7895AN-3 Datasheet HTML 6Page - Analog Devices AD7895AN-3 Datasheet HTML 7Page - Analog Devices AD7895AN-3 Datasheet HTML 8Page - Analog Devices AD7895AN-3 Datasheet HTML 9Page - Analog Devices AD7895AN-3 Datasheet HTML 10Page - Analog Devices AD7895AN-3 Datasheet HTML 11Page - Analog Devices AD7895AN-3 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7895
–11–
REV. 0
Dynamic Performance (Mode 1 Only)
With a combined conversion and acquisition time of 4.1
µs, the
AD7895 is ideal for wide bandwidth signal processing applica-
tions. These applications require information on the ADC’s
effect on the spectral content of the input signal. Signal to
(Noise + Distortion), Total Harmonic Distortion, Peak Har-
monic or Spurious Noise, and Intermodulation Distortion are
all specified. Figure 11 shows a typical FFT plot of a 10 kHz,
0 V to +5 V input after being digitized by the AD7895 operating
at a 198.656 kHz sampling rate. The Signal to (Noise + Distor-
tion) Ratio is 73.04 dB, and the Total Harmonic Distortion is
–84.91 dB.
The formula for Signal to (Noise + Distortion) Ratio (see
Terminology section) is related to the resolution or number of
bits in the converter. Rewriting the formula, below, gives a
measure of performance expressed in effective number of bits (N):
N = (SNR 1.76)/6.02
where SNR is Signal to (Noise + Distortion) Ratio.
–0
–120
0
9.9k
10k
30k
50k
70k
90k
–20
–40
–60
–80
–100
–10
–30
–50
–70
–90
–110
FSAMPLE = 198656
FIN = 10kHz
SNR = –73.04dB
THD = –84.91dB
Figure 11. AD7896 FFT Plot Effective Number of Bits
The effective number of bits for a device can be calculated from
its measured Signal to (Noise + Distortion) Ratio. Figure 12
shows a typical plot of effective number of bits versus frequency
for the AD7895 from dc to fSAMPLING/2. The sampling frequency
is 198.656 kHz. The plot shows that the AD7895 converts an
input sine wave of 10 kHz to an effective numbers of bits of
11.84, which equates to a Signal to (Noise + Distortion) level of
73.04 dB.
0
1000
200
400
600
800
10.0
11.4
11.2
11.0
10.8
11.8
11.6
12.0
10.6
10.4
FREQUENCY – kHz
10.2
Figure 12. Effective Number of Bits vs. Frequency
Power Considerations
In the automatic power-down mode, then, the part may be
operated at a sample rate that is considerably less than
100 kHz. In this case, the power consumption will be reduced
and will depend on the sample rate. Figure 13 shows a graph
of the power consumption versus sampling rates from 100 Hz to
90 kHz in the automatic power-down mode. The conditions
are 5 V supply 25
°C, serial clock frequency of 8.33 MHz, and
the data was read after conversion.
0.1
90
10
20
30
40
0
5
4
3
2
7
6
8
1
FREQUENCY – kHz
50
60
70
80
10
9
11
Figure 13. Power vs. Sample Rate in Auto Power-Down
Mode


Similar Part No. - AD7895AN-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7895AN-3 AD-AD7895AN-3 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AN-3 AD-AD7895AN-3 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AN-3 AD-AD7895AN-3 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
More results

Similar Description - AD7895AN-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7894ARZ-3 AD-AD7894ARZ-3 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-10 AD-AD7894BRZ-10 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com