Electronic Components Datasheet Search |
|
AD8013AR-14 Datasheet(PDF) 7 Page - Analog Devices |
|
AD8013AR-14 Datasheet(HTML) 7 Page - Analog Devices |
7 / 12 page –7– REV. A AD8013 FREQUENCY – Hz 1k 100M 10k 100k 1M 10M –30 –40 –50 –60 –70 –80 –90 –100 –110 –120 G = +2 VO = 2V p-p VS = ±5V 2nd RL = 150Ω 2nd RL = 1kΩ 3rd RL = 1kΩ 3rd RL = 150Ω Figure 15. Harmonic Distortion vs. Frequency OUTPUT STEP SIZE – V p-p 18 23 4567 1800 1600 800 600 400 200 1200 1000 1400 VS = ±5V RL = 500Ω G = +10 G = –1 G = +2 G = +1 Figure 16. Slew Rate vs. Output Step Size 10 0% 100 90 20ns 2V 2V VIN VOUT Figure 17. Large Signal Pulse Response, Gain = +1, (RF = 2 k Ω, R L = 150 Ω, V S = ±5 V) FREQUENCY – Hz 1M 1G 10M 100M –6 +1 0 –1 –2 –3 –4 –5 0 –90 –180 –270 G = +1 RL = 150Ω VS = ±5V VS = +5V VS = +5V VS = ±5V GAIN PHASE Figure 18. Closed-Loop Gain and Phase vs. Frequency, G = +1, RL = 150 Ω SUPPLY VOLTAGE – ±Volts 2000 1.5 7.5 2.5 3.5 4.5 5.5 6.5 1800 1200 600 400 200 1600 1400 1000 800 G = +10 G = –1 G = +2 G = +1 Figure 19. Maximum Slew Rate vs. Supply Voltage 10 0% 100 90 20ns 500mV 500mV VIN VOUT Figure 20. Small Signal Pulse Response, Gain = +1, (RF = 2 kΩ, RL = 150 Ω, VS = ±5 V) |
Similar Part No. - AD8013AR-14 |
|
Similar Description - AD8013AR-14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |