Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9632 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9632 Datasheet HTML 3Page - Analog Devices AD9632 Datasheet HTML 4Page - Analog Devices AD9632 Datasheet HTML 5Page - Analog Devices AD9632 Datasheet HTML 6Page - Analog Devices AD9632 Datasheet HTML 7Page - Analog Devices AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices AD9632 Datasheet HTML 10Page - Analog Devices AD9632 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. C
AD9631/AD9632
–7–
FREQUENCY – Hz
–30
10k
100k
1M
10M
–50
–70
–90
–110
–130
100M
VS = 5V
RL = 500
G = +1
VO = 2V p-p
THIRD
HARMONIC
SECOND
HARMONIC
TPC 19. AD9631 Harmonic Distortion vs.
Frequency, RL = 500
W
FREQUENCY – Hz
–30
10k
100k
1M
10M
–50
–70
–90
–110
–130
100M
VS = 5V
RL = 100
G = +1
VO = 2V p-p
THIRD
HARMONIC
SECOND
HARMONIC
TPC 20. AD9631 Harmonic Distortion vs.
Frequency, RL = 100
W
FREQUENCY – MHz
60
10
20
30
40
55
50
45
35
30
100
50
60
70 80 90
40
25
20
TPC 21. AD9631 Third Order Intercept vs. Frequency
0.10
1ST
11TH
6TH
0.05
0.00
–0.05
–0.10
2ND
7TH
3RD
8TH
4TH
9TH
5TH
10TH
0.00
–0.05
–0.10
0.10
1ST
11TH
6TH
2ND
7TH
3RD
8TH
4TH
9TH
5TH
10TH
0.05
TPC 22. AD9631 Differential Gain and Phase
Error, G = +2, RL = 150
W
SETTLING TIME – ns
0.3
0
10
20
30
0.2
0.1
0.0
–0.2
–0.3
40
50
60
70
80
–0.1
TPC 23. AD9631 Short-Term Settling Time,
2 V Step, RL = 100
W
SETTLING TIME –
s
0.3
0
123
0.2
0.1
0.0
–0.2
45
67
8
–0.1
910
TPC 24. AD9631 Long-Term Settling Time,
2 V Step, RL = 100
W


Similar Part No. - AD9632

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9632 AD-AD9632 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9632-EB AD-AD9632-EB Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9632AN AD-AD9632AN Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9632AN AD-AD9632AN Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632AN AD-AD9632AN Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results

Similar Description - AD9632

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com