Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9632AN Datasheet(PDF) 4 Page - Analog Devices

Part # AD9632AN
Description  Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632AN Datasheet(HTML) 4 Page - Analog Devices

  AD9632AN Datasheet HTML 1Page - Analog Devices AD9632AN Datasheet HTML 2Page - Analog Devices AD9632AN Datasheet HTML 3Page - Analog Devices AD9632AN Datasheet HTML 4Page - Analog Devices AD9632AN Datasheet HTML 5Page - Analog Devices AD9632AN Datasheet HTML 6Page - Analog Devices AD9632AN Datasheet HTML 7Page - Analog Devices AD9632AN Datasheet HTML 8Page - Analog Devices AD9632AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. C
–4–
AD9631/AD9632–Typical Performance Characteristics
AD9631
0.1 F
10 F
+VS
0.1 F
10 F
–VS
RF
130
VIN
RT
49.9
PULSE
GENERATOR
TR/TF = 350ps
RL = 100
VOUT
TPC 1. AD9631 Noninverting Configuration, G = +1
1V
5ns
TPC 2. AD9631 Large Signal Transient Response;
VO = 4 V p-p, G = +1, RF = 250
W
100mV
5ns
TPC 3. AD9631 Small Signal Transient Response;
VO = 400 mV p-p, G = +1, RF = 140
W
AD9631
0.1 F
10 F
+VS
0.1 F
10 F
–VS
RF
267
RT
49.9
VIN
PULSE
GENERATOR
TR/TF = 350ps
100
RL = 100
VOUT
TPC 4. AD9631 Inverting Configuration, G = –1
1V
5ns
TPC 5. AD9631 Large Signal Transient Response;
VO = 4 V p-p, G = –1, RF = RIN = 267
W
100mV
5ns
TPC 6. AD9631 Small Signal Transient Response;
VO = 400 mV p-p, G = –1, RF = RIN = 267
W


Similar Part No. - AD9632AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9632AN AD-AD9632AN Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9632AN AD-AD9632AN Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632AN AD-AD9632AN Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results

Similar Description - AD9632AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com