Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7902BRUZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7902BRUZ
Description  ISM Band FSK Receiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7902BRUZ Datasheet(HTML) 3 Page - Analog Devices

  ADF7902BRUZ Datasheet HTML 1Page - Analog Devices ADF7902BRUZ Datasheet HTML 2Page - Analog Devices ADF7902BRUZ Datasheet HTML 3Page - Analog Devices ADF7902BRUZ Datasheet HTML 4Page - Analog Devices ADF7902BRUZ Datasheet HTML 5Page - Analog Devices ADF7902BRUZ Datasheet HTML 6Page - Analog Devices ADF7902BRUZ Datasheet HTML 7Page - Analog Devices ADF7902BRUZ Datasheet HTML 8Page - Analog Devices ADF7902BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADF7902
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD =5.0 V; GND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Typical specifications TA = 25°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
CHANNEL FREQUENCIES
Channel 1
369.5
MHz
Channel 2
371.1
MHz
Channel 3
375.3
MHz
Channel 4
376.9
MHz
Channel 5
388.3
MHz
Channel 6
391.5
MHz
Channel 7
394.3
MHz
Channel 8
395.9
MHz
RECEIVER PARAMETERS
Data Rate
2
kbps
Frequency Deviation
−34.8
kHz
Data = 0
+34.8
kHz
Data = 1
Input Sensitivity
−110
dBm
LNA Input Impedance
128 − j125
fRF = 388.3 MHz
CHANNEL FILTERING
IF Filter Bandwidth
200
kHz
−3 dB bandwidth
Adjacent Channel Rejection
60
dB
1 MHz offset
Desired signal 3 dB above input sensitivity level,
with interferer power increased until BER = 10−3
PHASE-LOCKED LOOP
CE High to Receive Data
4
ms
REFERENCE INPUT
Crystal Reference
9.8304
MHz
±25 ppm frequency accuracy
INPUT LOGIC LEVELS
Input High Voltage, VIH
0.7 × VDD
V
Input Low Voltage, VIL
0.2 × VDD
V
OUTPUT LOGIC LEVELS
Output High Voltage, VOH
4.5
V
Output Low Voltage, VOL
0.4
V
Output Drive Level
2
mA
POWER SUPPLY
Voltage Supply
VDD
5
V
Current Consumption
Receiver Enabled
18.5
mA
CE = 1
Low Power Sleep Mode
1
μA
CE = 0


Similar Part No. - ADF7902BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Similar Description - ADF7902BRUZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com