Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG708BRUZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG708BRUZ-REEL7
Description  CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708BRUZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG708BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG708BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADG708/ADG709
Rev. D | Page 5 of 20
VDD = 3 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
B Version
C Version
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/
Comments
ANALOG SWITCH
Analog Signal Range
0 V to
VDD
0 V to
VDD
V
On Resistance (RON)
8
8
Ω typ
VS = 0 Vto VDD, IDS= 10 mA;
see Figure 20
11
12
14
11
12
14
Ω max
On ResistanceMatchBetween
Channels (ΔRON)
0.4
0.4
Ω typ
VS = 0 V to VDD,
IDS = 10 mA
1.2
2
1.2
2
Ω max
LEAKAGE CURRENTS
VDD = 3.3 V
Source Off Leakage, IS (Off)
±0.01
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V;
see Figure 21
±20
±20
±0.1
±0.3
±1
nA max
Drain Off Leakage, ID (Off)
±0.01
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V;
see Figure 22
±20
±20
±0.1
±0.75
±6
nA max
Channel OnLeakage, ID, IS(On)
±0.01
±0.01
nA typ
VS = VD = 1 V or 3 V;
see Figure 23
±20
±20
±0.1
±0.75
±6
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
2.0
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
0.005
0.005
μA typ
VIN = VINL or VINH
±0.1
±0.1
μA max
Digital Input Capacitance, CIN
2
2
pF typ
DYNAMIC CHARACTERISTICS1
tTRANSITION
18
18
ns typ
RL = 300 Ω, CL = 35 pF;
see Figure 24
30
30
30
30
ns max
VS1 = 2 V/0 V, VS2 = 0 V/2 V
Break-Before-Make Time
Delay, tOPEN
8
8
ns typ
RL = 300 Ω, CL = 35 pF
1
1
1
1
ns min
VS = 2 V; see Figure 25
tON (EN)
18
18
ns typ
RL = 300 Ω, CL = 35 pF
30
30
30
30
ns max
VS = 2 V; see Figure 26
tOFF (EN)
8
8
ns typ
RL = 300 Ω, CL = 35 pF
15
15
15
15
ns max
VS = 2 V; see Figure 26
Charge Injection
±3
±3
pC typ
VS = 1.5 V, RS = 0 Ω,
CL = 1 nF; see Figure27
Off Isolation
−60
−60
dB typ
RL = 50 Ω, CL = 5 pF,
f = 10 MHz
−80
−80
dB typ
RL = 50 Ω, CL = 5 pF,
f = 1 MHz; see Figure28
Channel-to-Channel Crosstalk
−60
−60
dB typ
RL = 50 Ω, CL = 5 pF,
f = 10 MHz
−80
−80
dB typ
RL = 50 Ω, CL = 5 pF,
f = 1 MHz; see Figure29
−3 dB Bandwidth
55
55
MHz typ
RL = 50 Ω, CL = 5 pF;
see Figure 30


Similar Part No. - ADG708BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708BRUZ-REEL AD-ADG708BRUZ-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
More results

Similar Description - ADG708BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com