Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG708BRUZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADG708BRUZ
Description  CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708BRUZ Datasheet(HTML) 2 Page - Analog Devices

  ADG708BRUZ Datasheet HTML 1Page - Analog Devices ADG708BRUZ Datasheet HTML 2Page - Analog Devices ADG708BRUZ Datasheet HTML 3Page - Analog Devices ADG708BRUZ Datasheet HTML 4Page - Analog Devices ADG708BRUZ Datasheet HTML 5Page - Analog Devices ADG708BRUZ Datasheet HTML 6Page - Analog Devices ADG708BRUZ Datasheet HTML 7Page - Analog Devices ADG708BRUZ Datasheet HTML 8Page - Analog Devices ADG708BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADG708/ADG709
Data Sheet
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .....................................................................................1
Applications...............................................................................1
General Description ..................................................................1
Functional Block Diagrams .......................................................1
Product Highlights ....................................................................1
Revision History........................................................................2
Specifications.............................................................................3
Dual Supply ...........................................................................7
Absolute Maximum Ratings ......................................................9
ESD Caution..........................................................................9
Pin Configurations and Function Descriptions.......................10
Truth Tables.........................................................................11
Typical Performance Characteristics.......................................12
Test Circuits.............................................................................15
Terminology............................................................................18
Applications Information........................................................19
Power Supply Sequencing....................................................19
Outline Dimensions ................................................................20
Ordering Guide ...................................................................20
Automotive Products...........................................................20
REVISION HISTORY
1/13−Rev. C to Rev. D
Changes to Ordering Guide.....................................................20
4/09−Rev. B to Rev. C
Changes to Table 1.....................................................................3
Changes to Table 2.....................................................................5
Changes to Table 3.....................................................................7
Moved Truth Tables Section ....................................................11
Changes to Figure 7, Figure 8, and Figure 9.............................12
Changes to Figure 13 and Figure 14.........................................13
Moved Terminology Section....................................................18
Changes to Ordering Guide.....................................................20
8/06−Rev. A to Rev. B
Updated Format ...........................................................Universal
Changes to Absolute Maximum Ratings Section.......................9
Added Table 7 and Table 8.......................................................10
Updated Outline Dimensions..................................................18
Changes to Ordering Guide.....................................................18
4/02—Rev. 0 to Rev. A
Edits to Features and Product Highlights..................................1
Change to Specifications .......................................................2–4
Edits to Absolute Maximum Ratings Notes...............................5
Edits to TPCs 2, 5, 6–9, 11, and 15 ........................................7–9
Edits to Test Circuits 9 and 10.................................................11
Addition of Test Circuit 11......................................................11
10/00—Revision0: Initial Version


Similar Part No. - ADG708BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708BRUZ-REEL AD-ADG708BRUZ-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
More results

Similar Description - ADG708BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com