Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # UF1G
Description  1.0 AMP. Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  UF1G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UF1G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UF1G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information
DO-41
52mm
DO-41
26mm
DO-41
52mm
DO-41
52mm
DO-41
AB
Z
T
E
L1-L2∣
DD1
D0
W
±0.5
±1.5
MAX
±0.4
MAX
MAX
±0.3
±0.4
±1.0
DO-41
5
26
1.2
6
0.8
1
330
85.7
16.6
76
DO-41
5
52.4
1.2
6
0.8
1
330
85.7
16.6
76
Unit (mm)
Symbol
A
B
C
D
Version:E13
R1G
B0
B0G
UF1x
3K / AMMO box
Packing code
Packing code
(Green)
A0
A0G
A1
A1G
R0
R0G
Part No.
Package
Packing
INNER
TAPE
5K / 13" Reel
5K / 13" Reel
1K / Bulk packing
3K / AMMO box
R1
Unit(mm)
5.1
0.8
3.0
1.2
Note: "x" is Device Code from "A" thru "M".
AXIAL LEAD TAPING SPECIFICATIONS
Outline
Suggested Mounting Hole Rule


Similar Part No. - UF1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1G PANJIT-UF1G Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF1G CHONGQING-UF1G Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
logo
Microdiode Electronics ...
UF1G CHENDA-UF1G Datasheet
535Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Surge Components
UF1G SURGE-UF1G Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
CHENG-YI ELECTRONIC CO....
UF1G CHENG-YI-UF1G Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - UF1G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A Datasheet
247Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160A TSC-MUR160A_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com