Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG708CRUZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADG708CRUZ-REEL
Description  CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708CRUZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADG708CRUZ-REEL Datasheet HTML 1Page - Analog Devices ADG708CRUZ-REEL Datasheet HTML 2Page - Analog Devices ADG708CRUZ-REEL Datasheet HTML 3Page - Analog Devices ADG708CRUZ-REEL Datasheet HTML 4Page - Analog Devices ADG708CRUZ-REEL Datasheet HTML 5Page - Analog Devices ADG708CRUZ-REEL Datasheet HTML 6Page - Analog Devices ADG708CRUZ-REEL Datasheet HTML 7Page - Analog Devices ADG708CRUZ-REEL Datasheet HTML 8Page - Analog Devices ADG708CRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG708/ADG709
Data Sheet
Rev. D | Page 4 of 20
B Version
C Version
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/
Comments
Channel-to-Channel
Crosstalk
−60
−60
dB typ
RL = 50 Ω, CL = 5 pF,
f = 10 MHz
−80
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29
−3 dB Bandwidth
55
55
MHz typ
RL = 50 Ω, CL = 5 pF;
see Figure 30
CS (Off )
13
13
pF typ
f = 1 MHz
CD (Off )
ADG708
85
85
pF typ
f = 1 MHz
ADG709
42
42
pF typ
f = 1 MHz
CD, CS (On)
ADG708
96
96
pF typ
f = 1 MHz
ADG709
48
48
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
0.001
μA typ
Digital inputs = 0 V or 5.5 V
1.0
1.0
1.0
1.0
μA max
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG708CRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708CRUZ-REEL AD-ADG708CRUZ-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
More results

Similar Description - ADG708CRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com