Electronic Components Datasheet Search |
|
ADG708CRUZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices |
|
ADG708CRUZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices |
7 / 20 page Data Sheet ADG708/ADG709 Rev. D | Page 7 of 20 DUAL SUPPLY VDD = 2.5 V ± 10%, VSS= –2.5 V ± 10%, GND = 0 V, unless otherwise noted. Table 3. B Version C Version Parameter +25°C −40°C to +85°C −40°C to +125°C +25°C −40°C to +85°C −40°C to +125°C Unit Test Conditions/ Comments ANALOG SWITCH Analog Signal Range VSS to VDD VSS to VDD V On Resistance (RON) 2.5 2.5 Ω typ VS = VSS to VDD, IDS = 10 mA; see Figure 20 4.5 5 7 4.5 5 7 Ω max On Resistance Match Between Channels (ΔRON) 0.4 0.4 Ω typ 0.8 1.5 0.8 1.5 Ω max VS = VSS to VDD, IDS = 10 mA On ResistanceFlatness (RFLAT(ON)) 0.6 0.6 Ω typ VS = VSS to VDD, IDS = 10 mA 1.0 1.65 1.0 1.65 Ω max LEAKAGE CURRENTS VDD = +2.75 V, VSS= −2.75 V Source Off Leakage, IS (Off) ±0.01 ±0.01 nA typ VS = +2.25 V/−1.25 V, VD = −1.25 V/+2.25V; see Figure 21 ±20 ±20 ±0.1 ±0.3 ±1 nA max Drain Off Leakage, ID (Off) ±0.01 ±0.01 nA typ VS = +2.25 V/−1.25 V, VD = −1.25 V/+2.25V; see Figure 22 ±20 ±20 ±0.1 ±0.75 ±6 nA max Channel OnLeakage, ID, IS(On) ±0.01 ±0.01 nA typ VS = VD = +2.25 V/−1.25 V; see Figure 23 ±20 ±20 ±0.1 ±0.75 ±6 nA max DIGITAL INPUTS Input High Voltage, VINH 1.7 1.7 V min Input Low Voltage, VINL 0.7 0.7 V max Input Current IINL or IINH 0.005 0.005 μA typ VIN = VINL or VINH ±0.1 ±0.1 μA max Digital Input Capacitance, CIN 2 2 pF typ DYNAMIC CHARACTERISTICS1 tTRANSITION 14 14 ns typ RL = 300 Ω, CL = 35 pF; see Figure 24 25 25 25 25 ns max VS = 1.5 V/0 V; seeFigure24 Break-Before-MakeTimeDelay, tOPEN 8 8 ns typ RL = 300 Ω, CL = 35 pF 1 1 1 1 ns min VS = 1.5 V; see Figure25 tON (EN) 14 14 ns typ RL = 300 Ω, CL = 35 pF 25 25 25 25 ns max VS = 1.5 V; see Figure26 tOFF (EN) 8 8 ns typ RL = 300 Ω, CL = 35 pF 15 15 15 15 ns max VS = 1.5 V; see Figure26 Charge Injection ±3 ±3 pC typ VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure27 Off Isolation −60 −60 dB typ RL = 50 Ω, CL = 5 pF, f = 10 MHz −80 −80 dB typ RL = 50 Ω, CL = 5pF, f = 1 MHz; see Figure 28 |
Similar Part No. - ADG708CRUZ-REEL7 |
|
Similar Description - ADG708CRUZ-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |