Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF1007GA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UGF1007GA
Description  Isolated Ultra Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF1007GA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UGF1007GA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF1007GA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF1007GA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
PART NO.
UGF1004GA
UGF1004GA
(TA=25℃ unless otherwise noted)
Document Number:DS_D1309053
Version:A13
Green compound
DESCRIPTION
50 / Tube
PACKING
UGF1004GA thru UGF1008GA
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
UGF100xGA
(Note 1)
C0
Suffix "G"
ITO-220AB
Note 1: "xx" defines voltage from 200V (UGF1004GA) to 600V (UGF1008GA)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
UGF1004GA C0
C0
UGF1004GA C0G
C0
G
RATINGS AND CHARACTERISTICS CURVES
0
2
4
6
8
10
12
0
255075
100
125
150
175
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
UGF1007GA-08GA
UGF1004GA-06GA
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
TJ=125℃
04GA
05GA-06GA
07GA-08GA


Similar Part No. - UGF1007GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
UGF1007GA THINKISEMI-UGF1007GA Datasheet
871Kb / 2P
   10.0 Amperes Insulated Package Dual Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - UGF1007GA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF1004G TSC-UGF1004G_14 Datasheet
225Kb / 4P
   Isolated Ultra Fast Rectifiers
UGF2004G TSC-UGF2004G Datasheet
225Kb / 4P
   Isolated Ultra Fast Rectifiers
UGF12J TSC-UGF12J_13 Datasheet
232Kb / 3P
   12.0AMPS. Isolated Ultra Fast Rectifiers
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
   10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
logo
Thinki Semiconductor Co...
MUR8120F THINKISEMI-MUR8120F Datasheet
775Kb / 3P
   8.0 Amperes/1200Volts Isolated Package Ultra Fast Recovery Rectifiers
MURF8120G THINKISEMI-MURF8120G Datasheet
1,018Kb / 3P
   8.0 Amperes/1200Volts Isolated Package Ultra Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
UGF8JD TSC-UGF8JD Datasheet
147Kb / 4P
   Isolated Ultra Fast Rectifier
logo
Inchange Semiconductor ...
UGF8JD ISC-UGF8JD Datasheet
286Kb / 2P
   Isolated Ultra Fast Rectifier
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com