Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFC30P8080A-CL420 Datasheet(PDF) 2 Page - Topstek Inc.

Part # TFC30P8080A-CL420
Description  Topstek True RMS Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TFC30P8080A-CL420 Datasheet(HTML) 2 Page - Topstek Inc.

  TFC30P8080A-CL420 Datasheet HTML 1Page - Topstek Inc. TFC30P8080A-CL420 Datasheet HTML 2Page - Topstek Inc. TFC30P8080A-CL420 Datasheet HTML 3Page - Topstek Inc. TFC30P8080A-CL420 Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
- 2 -
www.topstek.com
TFC30P-CL420
V081007
10/7/2008
36.5
80.0
20.0
31.0
60.5
2.0
86.0
Pin Assignment
0V
TP
IOUT
+24V
1
2
3
4
Appearance, dimensions and pin identification of TFC30P-CL420-M
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


Similar Part No. - TFC30P8080A-CL420

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TFC30P80A TOPSTEK-TFC30P80A Datasheet
206Kb / 4P
   Highly reliable Open Loop Hall Effect device
More results

Similar Description - TFC30P8080A-CL420

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TMQ80A-CL420 TOPSTEK-TMQ80A-CL420 Datasheet
117Kb / 4P
   Topstek True RMS Current Transducer
TMQ-CL420 TOPSTEK-TMQ-CL420 Datasheet
123Kb / 4P
   Topstek True RMS Current Transducer
TU16P5A-CL420 TOPSTEK-TU16P5A-CL420 Datasheet
134Kb / 2P
   Topstek True RMS Current Transducer
TU10P5A-CL420 TOPSTEK-TU10P5A-CL420 Datasheet
128Kb / 2P
   Topstek True RMS Current Transducer
TU16P-C5-091026 TOPSTEK-TU16P-C5-091026 Datasheet
197Kb / 2P
   Topstek True RMS Current Transducer
TFC30P TOPSTEK-TFC30P Datasheet
206Kb / 4P
   Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
logo
DIWELL Electronics Co.,...
TU12P5A DIWELL-TU12P5A Datasheet
323Kb / 3P
   Topstek True RMS Current Transducer TU12P5A..TU12P150A-CL420
10/11/2011
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com