Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7450DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7450DP
Description  N-Channel 200 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7450DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7450DP Datasheet HTML 1Page - Vishay Siliconix SI7450DP Datasheet HTML 2Page - Vishay Siliconix SI7450DP Datasheet HTML 3Page - Vishay Siliconix SI7450DP Datasheet HTML 4Page - Vishay Siliconix SI7450DP Datasheet HTML 5Page - Vishay Siliconix SI7450DP Datasheet HTML 6Page - Vishay Siliconix SI7450DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vishay Siliconix
Si7450DP
www.vishay.com
2
Document Number: 71432
S13-0300-Rev. F, 11-Feb-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
24.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 200 V, VGS = 0 V
1
µA
VDS = 200 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 4 A
0.065
0.080
VGS = 6 V, ID = 4 A
0.070
0.090
Forward Transconductancea
gfs
VDS = 15 V, ID = 5 A
19
S
Diode Forward Voltagea
VSD
IS = 2.8 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 100 V, VGS = 10 V, ID = 4 A
34
42
nC
Gate-Source Charge
Qgs
7.5
Gate-Drain Charge
Qgd
12
Gate Resistance
Rg
0.20.851.5
Turn-On Delay Time
td(on)
VDD = 100 V, RL = 25 
ID  4 A, VGEN = 10 V, Rg = 6 
14
20
ns
Rise Time
tr
20
30
Turn-Off Delay Time
td(off)
32
50
Fall Time
tf
25
35
Source-Drain Reverse Recovery
Time
trr
IF = 2.8 A, dI/dt = 100 A/µs
70
100
Output Characteristics
0
8
16
24
32
40
02468
10
VGS = 10 V thru 6 V
5 V
4 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
5
10
15
20
25
30
35
40
0123456
TC = 125 °C
25 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI7450DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7450DP VISHAY-SI7450DP Datasheet
198Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 13-Feb-06
SI7450DP VISHAY-SI7450DP Datasheet
46Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 16-Apr-01
SI7450DP-T1-E3 VISHAY-SI7450DP-T1-E3 Datasheet
390Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SI7450DP-T1-GE3 VISHAY-SI7450DP-T1-GE3 Datasheet
390Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SI7450DP VISHAY-SI7450DP_06 Datasheet
198Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 13-Feb-06
More results

Similar Description - SI7450DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com