Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM-52 Datasheet(PDF) 3 Page - UNIOHM CORPORATION

Part # CM-52
Description  Carbon Film MELF Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

CM-52 Datasheet(HTML) 3 Page - UNIOHM CORPORATION

  CM-52 Datasheet HTML 1Page - UNIOHM CORPORATION CM-52 Datasheet HTML 2Page - UNIOHM CORPORATION CM-52 Datasheet HTML 3Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Performance Specifications
Characteristics
Limits
CM-16
CM-204
CM-207
CM-52
PPM value
1ohm~33K 1ohm~33K +- 300 PPM/ degree C
33K~330K 33K~330K
- 500 PPM/ degree C
330K~470K 330K~470K - 700 PPM/ degree C
470K~910K 470K-1M
-1000 PPM/ degree C
Temperature Coefficient
Over 910K Over 1M
-1500 PPM/ degree C
Short Time Overload
+- (1%+0.05R)
Dielectric Withstanding Voltage
CM-16, CM-204: 200VAC
CM-207, CM-52: 500VAC
Insulation Resistance
104 M ohm
Voltage Coefficient
25 PPM / V
Temperature Cycling
+- (1%+0.05R)
Humidity
+- 3%
Load Life In Humidity
+- 5%
Load Life (at 70 degree C)
+- 3%
Resistance To Soldering Heat
+- (1%+0.05R)
Solderability
95% Min.
Vibration
+- (1%+0.1R)
Terminal Strength
+- (1%+0.05R)
Thermal Shock
+- (1%+0.05R)
3
Carbon Film MELF Resistor
Uniohm Corporation


Similar Part No. - CM-52

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CM-5 SUMIDA-CM-5 Datasheet
36Kb / 2P
   General Power Transformer
logo
RENCO ELECTRONICS, INC.
CM-5.0 RENCO-CM-5.0 Datasheet
1Mb / 3P
   TOROIDAL POWER INDUCTOR SELF-LEADED AND CLIPMOUNT
logo
Advantech Co., Ltd.
CM-5500-AR70 ADVANTECH-CM-5500-AR70 Datasheet
636Kb / 1P
   15' Chameleon POS Terminal With Intel Haswell
logo
Sumida Corporation
CM-5LN SUMIDA-CM-5LN Datasheet
135Kb / 2P
   General Power Transformer(smd type:cm series)
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
More results

Similar Description - CM-52

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD41 KOA-RD41 Datasheet
358Kb / 2P
   fixed carbon film melf resistor
logo
Token Electronics Indus...
RDM74P1RGT TOKEN-RDM74P1RGT Datasheet
291Kb / 3P
   RDM Carbon Film Melf Resistors
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
   Carbon Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
   Carbon Film Resistor
3/3/2022
logo
UNIOHM CORPORATION
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
   Metal Film MELF Resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
   Metal Film Melf Resistor
8/10/2022
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
   Metal Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
   power carbon film leaded resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com