Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22LV10C Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF22LV10C
Description  High Performance E2 PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22LV10C Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF22LV10C Datasheet HTML 1Page - ATMEL Corporation ATF22LV10C Datasheet HTML 2Page - ATMEL Corporation ATF22LV10C Datasheet HTML 3Page - ATMEL Corporation ATF22LV10C Datasheet HTML 4Page - ATMEL Corporation ATF22LV10C Datasheet HTML 5Page - ATMEL Corporation ATF22LV10C Datasheet HTML 6Page - ATMEL Corporation ATF22LV10C Datasheet HTML 7Page - ATMEL Corporation ATF22LV10C Datasheet HTML 8Page - ATMEL Corporation ATF22LV10C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
0780M–PLD–7/10
Atmel ATF22LV10C
2.
Absolute Maximum Ratings*
3.
DC and AC Operating Conditions
3.1
DC Characteristics
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec
2. For DC characteristics, the test condition of V
CC = Max corresponds to 3.6V
Temperature Under Bias .................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note:
1. Minimum voltage is -0.6V DC, which may undershoot to -
2.0V for pulses of less than 20ns. Maximum output pin volt-
age is V
CC + 0.75V DC, which may overshoot to 7.0V for
pulses of less than 20ns.
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground...........................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming......................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground.........................-2.0V to +14.0V(1)
Commercial
Industrial
Operating Temperature (Ambient)
0°C - 70°C
-40°C - 85°C
V
CC Power Supply
3.0V - 5.5V
3.0V - 5.5V
Symbol
Parameter
Condition(2)
Min
Typ
Max
Units
I
IL
Input or I/O Low Leakage Current
0
V
IN VIL(Max)
-10
µA
I
IH
Input or I/O High Leakage Current
(V
CC - 0.2)V VIN VCC
10
µA
I
CC
Power Supply Current
V
CC = Max, VIN = Max
Outputs Open
Com.
Ind.
55
60
85
90
mA
mA
I
CC2
Clocked Power Supply Current
V
CC = Max
Outputs Open, f = 15MHz
Com.
Ind.
100
105
mA
mA
I
PD
Power Supply Current,
Power-down Mode
V
CC = 3.6V, Max
V
IN = 0, Outputs Open
Com.
Ind.
10
10
100
120
µA
µA
I
OS
(1)
Output Short Circuit Current
V
OUT = 0.5V
-130
mA
V
IL
Input Low Voltage
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
V
OL
Output Low Voltage
V
IN =VIH or VIL
V
CC = Min
I
OL = 16mA
0.5
V
V
OH
Output High Voltage
V
IN =VIH or VIL
V
CC = Min
I
OH = -2.0mA
2.4
V
V
OH
Output High Voltage
I
OH = -100µA
V
CC - 0.2V
V


Similar Part No. - ATF22LV10C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C-10JC ATMEL-ATF22LV10C-10JC Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C-10JI ATMEL-ATF22LV10C-10JI Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C-10JU ATMEL-ATF22LV10C-10JU Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C-10PC ATMEL-ATF22LV10C-10PC Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22LV10C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com