Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-SB-22B-02T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CL-SB-22B-02T
Description  Adopted Twin-contacts mechanism
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CL-SB-22B-02T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CL-SB-22B-02T Datasheet HTML 1Page - List of Unclassifed Manufacturers CL-SB-22B-02T Datasheet HTML 2Page - List of Unclassifed Manufacturers CL-SB-22B-02T Datasheet HTML 3Page - List of Unclassifed Manufacturers CL-SB-22B-02T Datasheet HTML 4Page - List of Unclassifed Manufacturers CL-SB-22B-02T Datasheet HTML 5Page - List of Unclassifed Manufacturers CL-SB-22B-02T Datasheet HTML 6Page - List of Unclassifed Manufacturers CL-SB-22B-02T Datasheet HTML 7Page - List of Unclassifed Manufacturers CL-SB-22B-02T Datasheet HTML 8Page - List of Unclassifed Manufacturers CL-SB-22B-02T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CL-SB
SLIDE SWITCHES
STANDARD SPECIFICATIONS
Operating temperature range
Storage temperature range
Sealing
Net weight
−40 ~ 85 °C
Non Washable
0.21 g (CL-SB-12 -0 )
0.22 g (CL-SB-22 -0 )
0.26 g (CL-SB-13 -0 )
0.28 g (CL-SB-23 -0 )
0.21 g (CL-SB-12 -1 )
0.22 g (CL-SB-22 -1 )
0.26 g (CL-SB-13 -1 )
0.28 g (CL-SB-23 -1 )
No. of positions
Operation force
Stop strength
Solderability
Shear
Substrate bending
Pull-off strength
2, 3
A B
1
1.5
± 1.0 N {0.153 ± 0.102kgf}
A
→B / C→B
2
1.5
± 1.0 N {0.153 ± 0.102kgf}
A
→B / C→B
2.5
± 1.5 N {0.255 ± 0.153kgf}
Stroke
2 mm
20 N {2.04 kgf} 15 s
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10s
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 200 mA
DC12 V 200 mA
DC20 mV 1
μA (Gold contacts)
DC5 V 10
μA (Silver contacts)
100 M
Ω minimum (DC100 V)
1.5 mA 1 kHz
20 mV maximum
70m
Ω maximum
( Gold contacts)
50m
Ω maximum
(Silver contacts)
Contact timing
Non-shorting
AC500 V, 60 s
Vibration
Shock
Load life
Humidity
High temperature exposure
Low temperature exposure
Thermal shock
(Amplitude) 1.5 mm or
(Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 cycles
DC12
± 0.5V, 200 ± 10mA
85 °C, 96 h No load
40 °C, Relative humidity 90 ~ 95 %,
240 h
−40 °C, 96 h No load
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
ENVIRONMENTAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
{ } : Reference only
Reflow profile for soldering heat evaluation
Reflow : two times maximum
Peak : 250
Over 230
°C
Pre Heating Zone
180
°C
(
°C)
250
200
150
100
50
150
°C
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
°C
+5
0
Soldering heat
Reflow
:255 °C (Peak temperature)
Please refer to the profile below
Manual soldering
350
± 10 °C, 3 ~ 4 s
Flow : 260
± 3 °C, 5 ~ 6 s
Manual soldering
380
± 10 °C, 3 ~ 4 s
AB
AB C
※2
※1
MECHANICAL CHARACTERISTICS
2 Contacts
(CL-SB- 2 -
)
3 Contacts
(CL-SB- 3 -
)
Specifications are subject to change without notice.
10mA (Silver contacts)
(DC 500V)
10 cycles
20 N {2.04 kgf} 15 s (Top setting)
Continuous load 10000 cycles
240 h, No load
Reflow : 255
(Peak temt.)
<Please refer to the profile below>
Flow : 260±3
, 5~6 s
Manual soldering : 350±10
, 3~4 s


Similar Part No. - CL-SB-22B-02T

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CL-SB-22B-02T COPAL-CL-SB-22B-02T Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results

Similar Description - CL-SB-22B-02T

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422CGJ30 SCHNEIDER-9422CGJ30 Datasheet
108Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
9422CFA50 SCHNEIDER-9422CFA50 Datasheet
111Kb / 2P
   OPERATING MECHANISM CABLE MECHANISM NEMA
logo
List of Unclassifed Man...
9422ATF12 ETC2-9422ATF12 Datasheet
40Kb / 1P
   OPERATING MECHANISM
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
logo
General Electric Compan...
12AX7 GEC-12AX7 Datasheet
291Kb / 4P
   TWIN TRIODE
logo
Shindengen Electric Mfg...
SG20JC6M SHINDENGEN-SG20JC6M Datasheet
446Kb / 2P
   Twin Diode
SG30SC6M SHINDENGEN-SG30SC6M Datasheet
453Kb / 2P
   Twin Diode
SG30TC15M SHINDENGEN-SG30TC15M Datasheet
3Mb / 2P
   Twin Diode
SG40TC10M SHINDENGEN-SG40TC10M Datasheet
2Mb / 2P
   Twin Diode
logo
Festo Corporation.
8100638 FESTO-8100638 Datasheet
96Kb / 1P
   Twin cylinder
12/11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com