Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7713AN Datasheet(PDF) 7 Page - Analog Devices

Part # AD7713AN
Description  Loop-Powered Signal Conditioning ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713AN Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7713AN Datasheet HTML 3Page - Analog Devices AD7713AN Datasheet HTML 4Page - Analog Devices AD7713AN Datasheet HTML 5Page - Analog Devices AD7713AN Datasheet HTML 6Page - Analog Devices AD7713AN Datasheet HTML 7Page - Analog Devices AD7713AN Datasheet HTML 8Page - Analog Devices AD7713AN Datasheet HTML 9Page - Analog Devices AD7713AN Datasheet HTML 10Page - Analog Devices AD7713AN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. D
AD7713
–7–
PIN CONFIGURATION
PDIP, CERDIP, AND SOIC
1
SCLK
2
MCLK IN
3
MCLK OUT
4
A0
5
SYNC
6
MODE
7
AIN1(+)
10
AIN2(–)
9
AIN2(+)
8
AIN1(–)
11
STANDBY
12
AVDD
24
DGND
23
DVDD
22
SDATA
21
DRDY
20
RFS
19
TFS
18
AGND
15
REF IN(+)
16
RTD2
17
AIN3
14
REF IN(–)
13
RTD1
AD7713
TOP VIEW
(Not to Scale)
PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Function
1
SCLK
Serial Clock. Logic input/output, depending on the status of the MODE pin. When MODE is high, the
device is in its self-clocking mode, and the SCLK pin provides a serial clock output. This SCLK be-
comes active when
RFS or TFS goes low, and it goes high impedance when either RFS or TFS returns
high or when the device has completed transmission of an output word. When MODE is low, the device
is in its external clocking mode and the SCLK pin acts as an input. This input serial clock can be a con-
tinuous clock with all data transmitted in a continuous train of pulses. Alternatively, it can be a
noncontinuous clock with the information being transmitted to the AD7713 in smaller batches of data.
2
MCLK IN
Master Clock Signal for the Device. This can be provided in the form of a crystal or external clock. A
crystal can be tied across the MCLK IN and MCLK OUT pins. Alternatively, the MCLK IN pin can be
driven with a CMOS-compatible clock and MCLK OUT left unconnected. The clock input frequency is
nominally 2 MHz.
3
MCLK OUT
When the master clock for the device is a crystal, the crystal is connected between MCLK IN and MCLK OUT.
4A0Address Input. With this input low, reading and writing to the device is to the control register. With
this input high, access is to either the data register or the calibration registers.
5
SYNC
Logic Input. Allows for synchronization of the digital filters when using a number of AD7713s. It
resets the nodes of the digital filter.
6
MODE
Logic Input. When this pin is high, the device is in its self-clocking mode. With this pin low, the
device is in its external clocking mode.
7
AIN1(+)
Analog Input Channel 1. Positive input of the programmable gain differential analog input. The
AIN1(+) input is connected to an output current source that can be used to check that an external
transducer has burnt out or gone open circuit. This output current source can be turned on/off via the
control register.
8
AIN1(–)
Analog Input Channel 1. Negative input of the programmable gain differential analog input.
9
AIN2(+)
Analog Input Channel 2. Positive input of the programmable gain differential analog input.
10
AIN2(–)
Analog Input Channel 2. Negative input of the programmable gain differential analog input.
11
STANDBY
Logic Input. Taking this pin low shuts down the internal analog and digital circuitry, reducing power
consumption to less than 100
µW.
12
AVDD
Analog Positive Supply Voltage, 5 V to 10 V.
13
RTD1
Constant Current Output. A nominal 200
µA constant current is provided at this pin, which can be
used as the excitation current for RTDs. This current can be turned on or off via the control register.
14
REF IN(–)
Reference Input. The REF IN(–) can lie anywhere between AVDD and AGND, provided REF IN(+) is
greater than REF IN(–).
15
REF IN(+)
Reference Input. The reference input is differential providing that REF IN(+) is greater than REF
IN(–). REF IN(+) can lie anywhere between AVDD and AGND.


Similar Part No. - AD7713AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7713AN AD-AD7713AN Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
More results

Similar Description - AD7713AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
   Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com