Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020D3301GB300 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MMU01020D3301GB300
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020D3301GB300 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MMU01020D3301GB300 Datasheet HTML 4Page - Vishay Siliconix MMU01020D3301GB300 Datasheet HTML 5Page - Vishay Siliconix MMU01020D3301GB300 Datasheet HTML 6Page - Vishay Siliconix MMU01020D3301GB300 Datasheet HTML 7Page - Vishay Siliconix MMU01020D3301GB300 Datasheet HTML 8Page - Vishay Siliconix MMU01020D3301GB300 Datasheet HTML 9Page - Vishay Siliconix MMU01020D3301GB300 Datasheet HTML 10Page - Vishay Siliconix MMU01020D3301GB300 Datasheet HTML 11Page - Vishay Siliconix MMU01020D3301GB300 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Document Number: 28713
For technical questions, contact: melf@vishay.com
www.vishay.com
Revision: 05-Mar-12
21
MMU 0102, MMA 0204, MMB 0207 - Professional
Professional MELF Resistors
Vishay Beyschlag
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification
EN 140400, sectional specification
EN 140401-803, detail specification
The components are approved in accordance with the
IECQ-CECC-system, where applicable. For the full test
schedule refer to the documents listed above. The testing
also
covers most of the requirements specified by
EIA/IS-703 and JIS-C-5202.
The tests are carried out under standard atmospheric
conditions in accordance with IEC 60068-1, 5.3 (3). Climatic
category LCT/UCT/56 (rated temperature range: Lower
category temperature, upper category temperature; damp
heat, steady state, test duration 56 days) is valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
The components are mounted for testing on printed-circuit
boards in accordance with EN 140400, 2.3.3, unless
otherwise specified.
The requirements stated in the Test Procedures and
Requirements table are based on the required tests and
permitted
limits
of
EN 140401-803.
However,
some
additional tests and a number of improvements against those
minimum requirements have been included. The stated
requirements for long-term tests are typically fulfilled with a
statistical safety of at least
+ 5 s.
x
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (2)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY
CLASS 0.25
OR BETTER
STABILITY
CLASS 0.5
OR BETTER
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
Stability for
product types:
MMU 0102
10
 to 221k
1
 to < 10 
< 1
> 221 k
MMA 0204
10
 to 332 k
1
 to < 10 
< 1
> 332 k
MMB 0207
10
 to 1 M
1
 to < 10 
< 1
> 1 M
4.5
-
Resistance
-
± 1 %
R; ± 0.5 % R
± 2 %
R;± 1 % R
± 5 %
R
± 1 %
R
4.8.4.2
-
Temperature
coefficient
At (20/- 55/20) °C
and
(20/125/20) °C
±
50 ppm/K; ± 25 ppm/K
4.25.1
-
Endurance
at 70 °C:
Standard
operation
mode
U =
U
max.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.15 %
R + 10 m
)±(0.5 % R + 10 m)
70 °C; 8000 h
±
(0.3 % R + 10 m)± (1 % R +10 m)
Endurance
at 70 °C:
Power
operation
mode
U =
U
max.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
±
(0.25 % R + 10 m)
± (0.5 %
R + 10 m
)
70 °C; 8000 h
±
(0.5 % R + 10 m)±(1 % R + 10 m)
4.25.3
-
Endurance at
upper
category
temperature
125 °C; 1000 h
± (0.15 %
R +5 m
) ± (0.25 % R +5 m)± (0.5 % R +5 m)+ (1 % R +5 m)
155 °C; 1000 h
±
(0.3 % R +5 m)±(0.5 % R +5 m)± (1 % R +5 m)+ (2 % R +5 m)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C;
56 days;
(93 ± 3) % RH
±
(0.15 % R +10 m) ±(0.5 % R + 10 m)±(1 % R + 10 m)± (1 % R +10 m)
P
70 x R
P
70 x R


Similar Part No. - MMU01020D3301GB300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020D3003DB000 VISHAY-MMU01020D3003DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D3003DB200 VISHAY-MMU01020D3003DB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D3003DB300 VISHAY-MMU01020D3003DB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D3003DB700 VISHAY-MMU01020D3003DB700 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020D3003DM300 VISHAY-MMU01020D3003DM300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020D3301GB300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com